Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8-NSDEV Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-NSDEV
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-NSDEV Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button COP8-NSDEV Datasheet HTML 8Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 9Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 10Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 11Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 12Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 13Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 14Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 15Page - National Semiconductor (TI) COP8-NSDEV Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
AC Electrical Characteristics (−40˚C
≤ T
A ≤ +85˚C) (Continued)
Note 3: Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, CKO driven 180˚ out of phase with CKI, inputs connected to VCC
and outputs driven low but not connected to a load.
Note 4: The HALT mode will stop CKI from oscillating. Measurement of IDD HALT is done with device neither sourcing nor sinking current; with L, B, G0, and G2–G5
programmed as low outputs and not driving a load; all inputs tied to VCC; A/D converter and clock monitor and BOR disabled. Parameter refers to HALT mode
entered via setting bit 7 of the G Port data register.
Note 5: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink current to VCC when
biased at voltages > VCC(the pins do not have source current when biased at a voltage below VCC). These two pins will not latch up. The voltage at these pins must
be limited to < (VCC+ 7V). WARNING: Voltages in excess of (VCC + 7V) will cause damage to these pins. This warning excludes ESD transients.
Note 6: If timer is in high speed mode, the minimum time is 1 MCLK. If timer is not in high speed mode, the minimum time is 1 tC.
Note 7: Absolute Maximum Ratings should not be exceeded.
Note 8: Vcc must be valid and stable before G6 is raised to a high voltage.
A/D Converter Electrical Characteristics (−20˚C
≤ T
A ≤ +85˚C)
(Single-ended mode only)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Resolution
10
Bits
DNL
V
CC =5V
±1
LSB
INL
V
CC =5V
±2.5
LSB
Offset Error
V
CC =5V
±1.5
LSB
Gain Error
V
CC = 5V
+0.5/-2.0
LSB
Input Voltage Range
4.5V
≤ V
CC
≤ 5.5V
0
V
CC
V
Analog Input Leakage Current
0.5
µA
Analog Input Resistance (Note 9)
6k
Ω
Analog Input Capacitance
7pF
Conversion Clock Period
4.5V
≤ V
CC
≤ 5.5V
0.8
30
µs
Conversion Time (Including S/H Time)
15
A/D
Conversion
Clock
Cycles
Operating Current on AV
CC
AV
CC = 5.5V
0.2
0.6
mA
Note 9: Resistance between the device input and the internal sample and hold capacitance.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com