Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2909577 Datasheet(PDF) 28 Page - PHOENIX CONTACT

Part # 2909577
Description  QUINT4-PS/1AC/24DC/3.8/PT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909577 Datasheet(HTML) 28 Page - PHOENIX CONTACT

Back Button 2909577 Datasheet HTML 20Page - PHOENIX CONTACT 2909577 Datasheet HTML 21Page - PHOENIX CONTACT 2909577 Datasheet HTML 22Page - PHOENIX CONTACT 2909577 Datasheet HTML 23Page - PHOENIX CONTACT 2909577 Datasheet HTML 24Page - PHOENIX CONTACT 2909577 Datasheet HTML 25Page - PHOENIX CONTACT 2909577 Datasheet HTML 26Page - PHOENIX CONTACT 2909577 Datasheet HTML 27Page - PHOENIX CONTACT 2909577 Datasheet HTML 28Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
QUINT4-PS/1AC/24DC/3.8/PT
108339_en_00
28 / 28
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
14
Derating
The QUINT POWER power supply runs in nominal
operation without any limitations. For operation outside the
nominal range, the following points should be observed
depending on the type of use.
14.1
Ambient temperature
When operating the power supply at an ambient
temperature of > 60 °C, a power derating of 2.5 %/K should
be observed. In the temperature range up to 60 °C, the
power supply can output up to 200 % of the nominal output
power P
Dyn.Boost for a maximum of 5 s.
Figure 25
Output power depending on the ambient
temperature
14.2
Installation height
The power supply can be operated at an installation height
of up to 2000 m without any limitations. Different data
applies for installation locations above 2000 m due to the
differing air pressure and the reduced convection cooling
associated with this (see technical data section). The data
provided is based on the results of pressure chamber testing
performed by an accredited test laboratory.
Figure 26
Output power depending on the installation
height
T [°C]
A
40
60
70
P
Dyn. Boost
P
N
100%
200%
75%
-25
H [m]
0
25
50
75
100
125
150
175
200
225
= PDyn. 200 % 60 °C
= PN 100 % 60 °C
0
1000
2000
3000
4000
5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com