Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5117400F Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM5117400F
Description  4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5117400F Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5117400F Datasheet HTML 1Page - OKI electronic componets MSM5117400F Datasheet HTML 2Page - OKI electronic componets MSM5117400F Datasheet HTML 3Page - OKI electronic componets MSM5117400F Datasheet HTML 4Page - OKI electronic componets MSM5117400F Datasheet HTML 5Page - OKI electronic componets MSM5117400F Datasheet HTML 6Page - OKI electronic componets MSM5117400F Datasheet HTML 7Page - OKI electronic componets MSM5117400F Datasheet HTML 8Page - OKI electronic componets MSM5117400F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEDD5117400F-01
1Semiconductor
This version: June. 2000
Previous version :
MSM5117400F
4,194,304-Word
×××× 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
1/15
DESCRIPTION
The MSM5117400F is a 4,194,304-word
× 4-bit dynamic RAM fabricated in Oki’s silicon-gate CMOS
technology. The MSM5117400F achieves high integration, high-speed operation, and low-power
consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal
CMOS process. The MSM5117400F is available in a 26/24-pin plastic SOJ or 26/24-pin plastic TSOP.
FEATURES
∙
4,194,304-word
× 4-bit configuration
∙
Single 5V power supply,
±10% tolerance
∙
Input
: TTL compatible, low input capacitance
∙
Output : TTL compatible, 3-state
∙
Refresh : 2048 cycles/32ms
∙
Fast page mode, read modify write capability
∙
CAS before RAS refresh, hidden refresh, RAS-only refresh capability
∙ Packages
26/24-pin 300mil plastic SOJ
(
SOJ26/24-P-300-1.27)
(Product : MSM5117400F-xxSJ)
26/24-pin 300mil plastic TSOP (TSOPII26/24-P-300-0.80-K) (Product : MSM5117400F-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
tOEA
Cycle Time
(Min.)
Operating
(Max.)
Standby
(Max.)
50ns
25ns
13ns
13ns
90ns
550mW
60ns
30ns
15ns
15ns
110ns
495mW
MSM5117400F
70ns
35ns
20ns
20ns
130ns
440mW
5.5mW


Similar Part No. - MSM5117400F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400B OKI-MSM5117400B Datasheet
96Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400C OKI-MSM5117400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400D OKI-MSM5117400D Datasheet
160Kb / 14P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5117400F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400D OKI-MSM5117400D Datasheet
160Kb / 14P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117405F OKI-MSM5117405F Datasheet
220Kb / 17P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405F OKI-MSM51V17405F Datasheet
221Kb / 17P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16400F OKI-MSM51V16400F Datasheet
236Kb / 16P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16405F OKI-MSM51V16405F Datasheet
243Kb / 18P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17400F OKI-MSM51V17400F Datasheet
238Kb / 15P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51X17400F OKI-MSM51X17400F Datasheet
148Kb / 13P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400F OKI-MSM5116400F Datasheet
239Kb / 15P
4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com