Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM511000CL-50JS Datasheet(PDF) 15 Page - OKI electronic componets

Part # MSM511000CL-50JS
Description  1,048,576-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511000CL-50JS Datasheet(HTML) 15 Page - OKI electronic componets

Back Button MSM511000CL-50JS Datasheet HTML 7Page - OKI electronic componets MSM511000CL-50JS Datasheet HTML 8Page - OKI electronic componets MSM511000CL-50JS Datasheet HTML 9Page - OKI electronic componets MSM511000CL-50JS Datasheet HTML 10Page - OKI electronic componets MSM511000CL-50JS Datasheet HTML 11Page - OKI electronic componets MSM511000CL-50JS Datasheet HTML 12Page - OKI electronic componets MSM511000CL-50JS Datasheet HTML 13Page - OKI electronic componets MSM511000CL-50JS Datasheet HTML 14Page - OKI electronic componets MSM511000CL-50JS Datasheet HTML 15Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15/15
¡ Semiconductor
MSM511000C/CL
(Unit : mm)
ZIP20-P-400-1.27
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
42 alloy
Solder plating
5 mm or more
1.50 TYP.
Mirror finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com