Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA700.A.ABC.002 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MA700.A.ABC.002
Description  Pantheon Antenna 3in1 MA.700 Screw-Mount
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA700.A.ABC.002 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MA700.A.ABC.002 Datasheet HTML 1Page - Taoglas antenna solutions MA700.A.ABC.002 Datasheet HTML 2Page - Taoglas antenna solutions MA700.A.ABC.002 Datasheet HTML 3Page - Taoglas antenna solutions MA700.A.ABC.002 Datasheet HTML 4Page - Taoglas antenna solutions MA700.A.ABC.002 Datasheet HTML 5Page - Taoglas antenna solutions MA700.A.ABC.002 Datasheet HTML 6Page - Taoglas antenna solutions MA700.A.ABC.002 Datasheet HTML 7Page - Taoglas antenna solutions MA700.A.ABC.002 Datasheet HTML 8Page - Taoglas antenna solutions MA700.A.ABC.002 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
SPE-13-8-002/D/ZL
Page 4 of 32
MA700.A301111.B305111.C305151
2.4GHz / 5GHz ANTENNA
Frequency (GHz)
2.4 ~ 2.5
4.7 ~ 5.0
5.0 ~ 5.4
5.4 ~ 5.9
Peak Gain (dBi)
2.1
2.9
3.8
2.8
Average Gain (dBi)
-2.3
-3.6
-3.3
-3.8
Efficiency
60%
44%
46%
42%
VSWR
<=1.7:1
Impedance
50Ω
Polarization
Linear
Radiation Pattern
Omni
Cable
3m CFD200 standard, fully customizable
Connector
RP-SMA(M) standard, standard, fully customizable
MECHANICAL
Dimensions
Height 85.7mm x Diameter 145.6mm
Casing
Wonderloy PC-540 PC/ABS Alloy
Base and thread
CAN10 Zinc Alloy
Thread diameter
M30 x 2 (30mm)
Nut
Nickel Plated Iron
Foam
3M 9448HK
Waterproof
IP67
ENVIRONMENTAL
Operation Temperature
-30°C to 85°C
Storage Temperature
-40°C to 90°C
Humidity
Non-condensing 65°C 95% RH
* all measurement are done in free space with 3m standard cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com