Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM511000CL-60JS Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM511000CL-60JS
Description  1,048,576-Word x 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511000CL-60JS Datasheet(HTML) 2 Page - OKI electronic componets

  MSM511000CL-60JS Datasheet HTML 1Page - OKI electronic componets MSM511000CL-60JS Datasheet HTML 2Page - OKI electronic componets MSM511000CL-60JS Datasheet HTML 3Page - OKI electronic componets MSM511000CL-60JS Datasheet HTML 4Page - OKI electronic componets MSM511000CL-60JS Datasheet HTML 5Page - OKI electronic componets MSM511000CL-60JS Datasheet HTML 6Page - OKI electronic componets MSM511000CL-60JS Datasheet HTML 7Page - OKI electronic componets MSM511000CL-60JS Datasheet HTML 8Page - OKI electronic componets MSM511000CL-60JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/15
¡ Semiconductor
MSM511000C/CL
PIN CONFIGURATION (TOP VIEW)
3
5
7
11
13
15
17
19
DOUT
DIN
RAS
A0
A2
VCC
A5
A7
1
A9
9
NC
4
6
8
12
14
16
18
20
VSS
WE
NC
A1
A3
A4
A6
A8
2
CAS
20-Pin Plastic ZIP
NO LEAD
3
4
5
9
10
11
12
13
RAS
NC
NC
A0
A1
A2
A3
VCC
24
23
22
18
17
16
15
14
CAS
NC
A9
A8
A7
A6
A5
A4
2
WE
25 DOUT
1
DIN
26 VSS
26/20-Pin Plastic SOJ
,
Pin Name
Function
A0 - A9
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DIN
Data Input
DOUT
Data Output
WE
Write Enable
VCC
Power Supply (5 V)
VSS
Ground (0 V)
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com