Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5544ARS Datasheet(PDF) 4 Page - Analog Devices

Part # AD5544ARS
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARS Datasheet(HTML) 4 Page - Analog Devices

  AD5544ARS Datasheet HTML 1Page - Analog Devices AD5544ARS Datasheet HTML 2Page - Analog Devices AD5544ARS Datasheet HTML 3Page - Analog Devices AD5544ARS Datasheet HTML 4Page - Analog Devices AD5544ARS Datasheet HTML 5Page - Analog Devices AD5544ARS Datasheet HTML 6Page - Analog Devices AD5544ARS Datasheet HTML 7Page - Analog Devices AD5544ARS Datasheet HTML 8Page - Analog Devices AD5544ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5544/AD5554
Data Sheet
Rev. H | Page 4 of 24
SPECIFICATIONS
AD5544 ELECTRICAL CHARACTERISTICS
VDD = 2.7 V to 5.5 V, VSS = 0 V, IOUTx = virtual GND, AGNDx = 0 V, VREFA = VREFB = VREFC = VREFD = 10 V, TA = full operating temperature
range of −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Condition/Comments
Min
Typ
Max
Unit
STATIC PERFORMANCE1
Resolution
N
1 LSB = V
REFx/2
16 = 153 µV when V
REF = 10 V
16
Bits
Relative Accuracy
INL
AD5544BRSZ
±1
LSB
AD5544ARSZ
±2
LSB
AD5544BCPZ
±1
LSB
AD5544ACPZ-1
±4
LSB
Differential Nonlinearity
DNL
AD5544BRSZ
±1
LSB
AD5544ARSZ
±1.5
LSB
AD5544BCPZ
±1
LSB
AD5544ACPZ-1
±1
LSB
Output Leakage Current
I
OUTx
Data = 0x0000, T
A = 25°C
10
nA
Data = 0x0000, T
A = 85°C
20
nA
Full-Scale Gain Error
G
FSE
Data = 0xFFFF
±0.75
±3
mV
Full-Scale Tempco2
TCV
FS
1
ppm/°C
Feedback Resistor
R
FBx
V
DD = 5 V
4
6
8
kΩ
REFERENCE INPUT
V
REFx Range
V
REFx
−15
+15
V
Input Resistance
R
REFx
4
6
8
kΩ
Input Resistance Match
R
REFx
Channel-to-channel
0.35
%
Input Capacitance2
C
REFx
5
pF
ANALOG OUTPUT
Output Current
I
OUTx
Data = 0xFFFF
1.25
2.5
mA
Output Capacitance2
C
OUTx
Code dependent
35
pF
LOGIC INPUT AND OUTPUT
Logic Input Low Voltage
V
IL
0.8
V
Logic Input High Voltage
V
IH
2.4
V
Input Leakage Current
I
IL
1
µA
Input Capacitance2
C
IL
10
pF
Logic Output Low Voltage
V
OL
I
OL = 1.6 mA
0.4
V
Logic Output High Voltage
V
OH
I
OH = 100 µA
4
V
INTERFACE TIMING2, 3
Clock Width High
t
CH
25
ns
Clock Width Low
t
CL
25
ns
CS to Clock Setup
t
CSS
0
ns
Clock to CS Hold
t
CSH
25
ns
Clock to SDO Propagation
Delay
t
PD
2
20
ns
Load DAC Pulse Width
t
LDAC
25
ns
Data Setup
t
DS
20
ns
Data Hold
t
DH
20
ns
Load Setup
t
LDS
5
ns
Load Hold
t
LDH
25
ns
SUPPLY CHARACTERISTICS
Power Supply Range
V
DD RANGE
2.7
5.5
V
Positive Supply Current
I
DD
Logic inputs = 0 V
5
µA
Negative Supply Current
I
SS
Logic inputs = 0 V, V
SS = −5 V
0.001
9
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com