Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8420FS Datasheet(PDF) 16 Page - Analog Devices

Part # DAC8420FS
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FS Datasheet(HTML) 16 Page - Analog Devices

Back Button DAC8420FS Datasheet HTML 12Page - Analog Devices DAC8420FS Datasheet HTML 13Page - Analog Devices DAC8420FS Datasheet HTML 14Page - Analog Devices DAC8420FS Datasheet HTML 15Page - Analog Devices DAC8420FS Datasheet HTML 16Page - Analog Devices DAC8420FS Datasheet HTML 17Page - Analog Devices DAC8420FS Datasheet HTML 18Page - Analog Devices DAC8420FS Datasheet HTML 19Page - Analog Devices DAC8420FS Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
DAC8420
Data Sheet
Rev. C | Page 16 of 23
APPLICATIONS
POWER SUPPLY BYPASSING AND GROUNDING
In any circuit where accuracy is important, careful consid-
eration of the power supply and ground return layout helps to
ensure the rated performance. The DAC8420 has a single ground
pin that is internally connected to the digital section as the logic
reference level. The first thought may be to connect this pin to
digital ground; however, in large systems digital ground is often
noisy because of the switching currents of other digital circuitry.
Any noise that is introduced at the ground pin can couple into
the analog output. Thus, to avoid error-causing digital noise in the
sensitive analog circuitry, the ground pin must be connected to
the system analog ground. The ground path (circuit board trace)
must be as wide as possible to reduce any effects of parasitic
inductance and ohmic drops. A ground plane is recommended
if possible. The noise immunity of the on-board digital circuitry,
typically in the hundreds of millivolts, is well able to reject the
common-mode noise typically seen between system analog and
digital grounds. Finally, the analog and digital ground must be
connected to each other at a single point in the system to provide a
common reference. This is preferably done at the power supply.
Good grounding practice is also essential to maintaining analog
performance in the surrounding analog support circuitry. With
two reference inputs and four analog outputs capable of moderate
bandwidth and output current, there is a significant potential
for ground loops. Again, a ground plane is recommended as the
most effective solution to minimizing errors due to noise and
ground offsets.
VDD
VSS
GND
+VS
–VS
10µF
0.1µF
10µF
0.1µF
1
8
9
10µF = TANTALUM
0.1µF = CERAMIC
Figure 31. Recommended Supply Bypassing Scheme
The DAC8420 must have ample supply bypassing, located as
close to the package as possible. Figure 31 shows the recom-
mended capacitor values of 10 μF in parallel with 0.1 μF. The
0.1 μF capacitor must have low effective series resistance (ESR) and
effective series inductance (ESI) (such as any common ceramic
type capacitor), which provide a low impedance path to ground
at high frequencies to handle transient currents due to internal
logic switching. To preserve the specified analog performance of
the device, the supply must be as noise free as possible.
In the case of 5 V only systems, it is desirable to use the same 5 V
supply for both the analog circuitry and the digital portion of
the circuit. Unfortunately, the typical 5 V supply is extremely
noisy due to the fast edge rates of the popular CMOS logic families,
which induce large inductive voltage spikes, and busy micro-
controller or microprocessor buses, and therefore commonly have
large current spikes during bus activity. However, by properly
filtering the supply as shown in Figure 32, the digital 5 V supply
can be used. The inductors and capacitors generate a filter that
not only rejects noise due to the digital circuitry, but also filters
out the lower frequency noise of switch mode power supplies.
The analog supply must be connected as close as possible to the
origin of the digital supply to minimize noise pickup from the
digital section.
+
+
TTL/CMOS
LOGIC
CIRCUITS
+5V
POWER SUPPLY
FERRITE BEADS:
2 TURNS, FAIR-RITE
#2677006301
100µF
ELECT.
10µF TO 22µF
TANT.
0.1µF
CER.
+5V
+5V
RETURN
Figure 32. Single-Supply Analog Supply Filter
ANALOG OUTPUTS
The DAC8420 features buffered analog voltage outputs capable
of sourcing and sinking up to 5 mA when operating from ±15 V
supplies, eliminating the need for external buffer amplifiers in most
applications while maintaining specified accuracy over the rated
operating conditions. The buffered outputs are simply an
operational amplifier connected as a voltage follower, and thus
have output characteristics very similar to the typical operational
amplifier. These amplifiers are short-circuit protected. The user
must verify that the output load meets the capabilities of the device,
in terms of both output current and load capacitance. The
DAC8420 is stable with capacitive loads up to 2 nF typically.
However, any capacitive load increases the settling time, and
must be minimized if speed is a concern.
The output stage includes a P-channel MOSFET to pull the output
voltage down to the negative supply. This is very important in
single-supply systems where VREFLO usually has the same
potential as the negative supply. With no load, the zero-scale output
voltage in these applications is less than 500 μV typically, or less
than 1 LSB when VVREFHI = 2.5 V. However, when sinking current,
this voltage does increase because of the finite impedance of the
output stage. The effective value of the pull-down resistor in the
output stage is typically 320 Ω. With a 100 kΩ resistor connected to
5 V, the resulting zero-scale output voltage is 16 mV. Thus, the best
single-supply operation is obtained with the output load connected
to ground, so the output stage does not have to sink current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com