Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSF457 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLSF457
Description  Special Function Logic Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF457 Datasheet(HTML) 3 Page - ON Semiconductor

  NLSF457 Datasheet HTML 1Page - ON Semiconductor NLSF457 Datasheet HTML 2Page - ON Semiconductor NLSF457 Datasheet HTML 3Page - ON Semiconductor NLSF457 Datasheet HTML 4Page - ON Semiconductor NLSF457 Datasheet HTML 5Page - ON Semiconductor NLSF457 Datasheet HTML 6Page - ON Semiconductor NLSF457 Datasheet HTML 7Page - ON Semiconductor NLSF457 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLSF457
www.onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Ratings
Unit
VCC
DC Supply Voltage
−0.5 to +6.5
V
VIN
DC Input Voltage
−0.5 to +6.5
V
VOUT
DC Output Voltage
Active−Mode (High or Low State)
−0.5 to VCC+0.5
V
Tri−State Mode (Note 1)
−0.5 to +6.5
Power−Down Mode (VCC = 0 V)
−0.5 to +6.5
IIK
DC Input Diode Current
VIN < GND
−50
mA
IOK
DC Output Diode Current
VOUT < GND
−50
mA
IOUT
DC Output Source/Sink Current
±50
mA
ICC or IGND
DC Supply Current Per Supply Pin or Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
qJA
Thermal Resistance (Note 2)
UDFN8
150
°C/W
PD
Power Dissipation in Still Air at 125
°C
UDFN8
833
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage (Note 3)
Charged Device Model
> 2000
V
Human Body Model
> 1000
ILATCHUP
Latchup Performance (Note 4)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Applicable to devices with outputs that may be tri−stated.
2. Measured with minimum pad spacing on an FR4 board, using 10mm – by – 1inch, 2 ounce copper trace no air flow.
3. HBM tested to ANSI/ESDA/JEDEC JS−001−2017. CDM tested to EIA/JESD22−C101−F. JEDEC recommends that ESD qualification to
EIA/JESD22−A115−A (Machine Model) be discontinued per JEDEC/JEP172A.
4. Tested to EIA/JESD78 Class II.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VIN
Digital Input Voltage
0
5.5
V
VOUT
Output Voltage
Active Mode (High or Low State)
0
VCC
V
Tri−State Mode (Note 1)
0
5.5
Power Down Mode (VCC = 0 V)
0
5.5
TA
Operating Free−Air Temperature
−55
+125
°C
tr, tf
Input Transition Rise or Fall Rate
VCC = 1.65 V to 1.95 V
0
20
nS/V
VCC = 2.3 V to 2.7 V
0
20
VCC = 3.0 V to 3.6 V
0
10
VCC = 4.5 V to 5.5 V
0
5
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com