Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA115EEF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTA115EEF
Description  PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA115EEF Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTA115EEF Datasheet HTML 1Page - NXP Semiconductors PDTA115EEF Datasheet HTML 2Page - NXP Semiconductors PDTA115EEF Datasheet HTML 3Page - NXP Semiconductors PDTA115EEF Datasheet HTML 4Page - NXP Semiconductors PDTA115EEF Datasheet HTML 5Page - NXP Semiconductors PDTA115EEF Datasheet HTML 6Page - NXP Semiconductors PDTA115EEF Datasheet HTML 7Page - NXP Semiconductors PDTA115EEF Datasheet HTML 8Page - NXP Semiconductors PDTA115EEF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Jul 30
5
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 100 k
Ω, R2 = 100 kΩ
PDTA115E series
THERMAL CHARACTERISTICS
Notes
1. Refer to standard mounting conditions.
2. Reflow soldering is the only recommended soldering method.
3. Refer to SOT883 standard mounting conditions; FR4 with 60
µm copper strip line.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
Tamb ≤ 25 °C
SOT23
note 1
500
K/W
SOT54
note 1
250
K/W
SOT323
note 1
625
K/W
SOT346
note 1
500
K/W
SOT416
note 1
833
K/W
SOT490
notes 1 and 2
500
K/W
SOT883
notes 2 and 3
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −50 V; IE =0A
−−−100
nA
ICEO
collector-emitter cut-off current
VCE = −30 V; IB =0A
−−−1
µA
VCE = −30 V; IB =0A;
Tj = 150 °C
−−−50
µA
IEBO
emitter-base cut-off current
VEB = −5 V; IC =0A
−−−50
µA
hFE
DC current gain
VCE = −5 V; IC = −5mA
80
−−
VCEsat
collector-emitter saturation voltage
IC = −5 mA; IB = −0.25 mA
−−−150
mV
Vi(off)
input-off voltage
IC = −100 µA; VCE = −5V
−−1.2
−0.5
V
Vi(on)
input-on voltage
IC = −1 mA; VCE = −0.3 V
−3
−1.6
−
V
R1
input resistor
70
100
130
k
Ω
resistor ratio
0.8
1
1.2
Cc
collector capacitance
IE =ie = 0 A; VCB = −10 V;
f = 1 MHz
−−
3pF
R2
R1
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com