| Electronic Components Datasheet Search |
|
PDTC115EE Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC115EE Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 14 page ![]() 2004 Jul 30 6 Philips Semiconductors Product specification PNP resistor-equipped transistors; R1 = 100 k Ω, R2 = 100 kΩ PDTA115E series PACKAGE OUTLINES UNIT A1 max bp cD E e1 HE Lp Qw REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ mm 0.1 0.30 0.15 0.25 0.10 1.8 1.4 0.9 0.7 0.5 e 1 1.75 1.45 0.2 v 0.2 DIMENSIONS (mm are the original dimensions) 0.45 0.15 0.23 0.13 SOT416 SC-75 w M bp D e1 e A A1 Lp Q detail X HE E A B B v M A 0 0.5 1 mm scale A 0.95 0.60 c X 12 3 Plastic surface mounted package; 3 leads SOT416 97-02-28 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |