Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2002SD Datasheet(PDF) 4 Page - Insel Rectifier India Pvt. Ltd.

Part # DS2002SD
Description  STANDARD RECOVERY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

DS2002SD Datasheet(HTML) 4 Page - Insel Rectifier India Pvt. Ltd.

  DS2002SD Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. DS2002SD Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig.4 Total stored charge
Fig.5 Maximum reverse recovery current
Fig.7 Maximum (limit) transient thermal impedance -
junction to case
Fig.6 Surge (non-repetitive) forward current vs time (with
50% VRRM at Tcase 175˚C)
0.1
1.0
10
100
Rate of decay of forward current, dIF/dt - (A/µs)
10000
1000
100
Conditions:
Tj = 175˚C
VR = 100V
IF = 2000A
IRM
IF
dIF/dt
QS
1.0
10
100
Rate of decay of forward current dIF/dt - (A/µs)
1000
100
10
Conditions:
Tj = 175˚C
VR = 100V
IF = 2000A
1
101
2
3
510
20
50
0
10
20
30
40
50
60
2
3
1
4
5
ms
Cycles at 50Hz
Duration
I2t = Î2 x t
2
6
I2t
0.1
0.01
0.001
0.001
0.01
0.1
1.0
10
Time - (s)
Anode side cooled
Double side cooled
Conduction
d.c.
Halfwave
3 phase 120˚
6 phase 60˚
Effective thermal resistance
Junction to case ˚C/W
Double side
0.022
0.024
0.026
0.027
Single side
0.038
0.040
0.042
0.043
INTERNATIONAL
www.rectifierindia.com
April 2011
4
STANDARD RECOVERY DIODE
DS2002SD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com