Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C770L Datasheet(PDF) 4 Page - Insel Rectifier India Pvt. Ltd.

Part # C770L
Description  INVERTER GRADE THYRISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

C770L Datasheet(HTML) 4 Page - Insel Rectifier India Pvt. Ltd.

  C770L Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 6Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 7Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 8Page - Insel Rectifier India Pvt. Ltd. C770L Datasheet HTML 9Page - Insel Rectifier India Pvt. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
INTERNATIONAL
www.rectifierindia.com
April 2011
4
P
INVERTER GRADE THYRISTOR
C770L
Notes on Ratings and Characteristics
1.0 Voltage Grade Table
Voltage Grade
VDRM VDSM
VRRM
VRSM
VD
VR
18
1800
1800
1900
1150
1150
20
2000
2000
2100
1250
1250
21
2100
2100
2200
1300
1300
22
2200
2100
2200
1350
1300
24
2400
2100
2200
1450
1300
25
2500
2100
2200
1500
1300
2.0 Extension of Voltage Grades
This report is applicable to other and higher voltage grades when supply has been agreed by
sales/production
3.0 Extension of Turn-off Time
This Report is applicable to other tq/re-applied dv/dt combinations when supply has been agreed by
sales/production.
4.0 Repetitive dv/dt
Higher dv/dt selections are available up to 1000V/us on request
5.0 De-rating Factor
A blocking voltage de-rating factor of 0.13%/
OC is applicable to this device for Tj below 25OC.
6. Snubber Components
When selecting snubber components, care must be taken not to use excessively large values of
snubber capacitor or excessively small values of snubber resistor. Such excessive components values
may lead to device damage due to the large resultant values of snubber discharge current. If required,
please consult the factory for assistance
V
V
DC V
DC V
DC V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com