Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKD55/12 Datasheet(PDF) 4 Page - Insel Rectifier India Pvt. Ltd.

Part # IRKD55/12
Description  POWER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

IRKD55/12 Datasheet(HTML) 4 Page - Insel Rectifier India Pvt. Ltd.

  IRKD55/12 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. IRKD55/12 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. IRKD55/12 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. IRKD55/12 Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. IRKD55/12 Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig. 21 - Thermal Impedance Z
thJC
Characteristic
Fig. 19 - Forward Voltage Drop Characteristics
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Per Junction
Steady State Value:
R= 0.5 K/W
R= 0.4 K/W
(DC Operation)
thJC
thJC
10
100
1000
0.51
1.522.5
33.5
T= 25°C
Instantaneous Forward Voltage (V)
T = 150°C
J
J
Per Junction
INTERNATIONAL
www.rectifierindia.com
April 2011
POWER MODULE
IRKD55
IRKD 55
CIRCUIT DIAGRAM
IRKD55
IRKD55
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com