Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKD55/22 Datasheet(PDF) 3 Page - Insel Rectifier India Pvt. Ltd.

Part # IRKD55/22
Description  POWER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

IRKD55/22 Datasheet(HTML) 3 Page - Insel Rectifier India Pvt. Ltd.

  IRKD55/22 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. IRKD55/22 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. IRKD55/22 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. IRKD55/22 Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. IRKD55/22 Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTERNATIONAL
3
www.rectifierindia.com
April 2011
Fig. 9 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
Fig. 7 - Forward Power Loss Characteristics
0
20
40
60
80
100
120
140
Maximum Allowable Ambient Temperature (°C)
3 K/W
2 K/W
1.5
K/W
1
K/W
0.7
K/W
7 K/W
R
=
0.5
K/W
- D
elt
a
R
0
20
40
60
80
100
120
020
40
60
80
100
Total RMS Output Current (A)
180°
(Sine)
DC
Per Junction
T= 150°C
J
0
20
40
60
80
100
120
140
Maximum Allowable Ambient Temperature (°C)
1 K/W
0.5
K/W
0.3
K/W
0.2
K/
W
0
50
100
150
200
250
300
350
400
450
0
20
40
60
80
100
120
140
Total Output Current (A)
180°
(Sine)
180°
(Rect)
Single Phase Bridge
Connected
T
= 150°C
J
0
20
40
60
80
100
120
140
Maximum Allowable Ambient Temperature (°C)
1.5 K/W
1 K/W
0.7
K/W
0.3
K/
W
0.5
K/W
3 K/W
0.4
K/W
0
50
100
150
200
250
300
350
400
450
0
20
40
60
80
100 120 140 160
Total Output Current (A)
120°
(Rect)
Three Phase Bridge
Connected
T = 150°C
J
POWER MODULE
IRKD55
IRKD55
2xIRKD55
3xIRKD55



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com