Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSH157P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLSH157P
Description  Fast Response Time, Capable of Pulse Operation High Power Luminous Intensity
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSH157P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLSH157P Datasheet HTML 1Page - Toshiba Semiconductor TLSH157P Datasheet HTML 2Page - Toshiba Semiconductor TLSH157P Datasheet HTML 3Page - Toshiba Semiconductor TLSH157P Datasheet HTML 4Page - Toshiba Semiconductor TLSH157P Datasheet HTML 5Page - Toshiba Semiconductor TLSH157P Datasheet HTML 6Page - Toshiba Semiconductor TLSH157P Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Toshiba TLxH157 Series LEDs
Features
5mm Package
InGaAlP Technology
All Plastic Mold Type
Water Clear Lens
Fast Response Time, Capable of Pulse Operation
High Power Luminous Intensity
Applications
Outdoor Message Signboard
Safety equipment
Automotive
Series Line−Up
Part Number
Color
Material
TLOH157P
Ultra Bright Orange
InGaAlP
TLRH157P
Ultra Bright Red
InGaAlP
TLRMH157P
Ultra Red
InGaAlP
TLSH157P
Ultra Bright High Efficency Red
InGaAlP
TLYH157P
Ultra Bright Yellow
InGaAlP
Maximum Ratings (Ta=25oC)
Part Number
Forward Current
IF
Reverse Voltage
VR
Power Dissipation
PD
Operating Temperature
Topr
Storage Temperature
Tstg
TLOH157P
50
4
125.00
−30 ~ 85
−40 ~ 120
TLRH157P
50
4
125.00
−30 ~ 85
−40 ~ 120
TLRMH157P
50
4
125.00
−40 ~ 100
−40 ~ 120
TLSH157P
50
4
125.00
−30 ~ 85
−40 ~ 120
TLYH157P
50
4
125.00
−30 ~ 85
−40 ~ 120
Unit
mA
V
mW
o
C
o
C
Company Headquarters
120 Broadway
Menands, New York 12204
Toll Free: 800.984.5337
Fax: 518.432.7454
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TLSH157P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSH157P TOSHIBA-TLSH157P Datasheet
125Kb / 4P
TOSHIBA LED Lamp InGaAP Red Light Emission
More results

Similar Description - TLSH157P

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
High luminous Intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
High Luminous Intensity
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
luminous intensity
logo
Vishay Siliconix
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
High luminous intensity
29-Apr-13
logo
Everlight Electronics C...
EALP05OLAGA0 EVERLIGHT-EALP05OLAGA0 Datasheet
447Kb / 9P
High luminous intensity output
EALP03OLAGA5 EVERLIGHT-EALP03OLAGA5 Datasheet
797Kb / 11P
High luminous intensity output
EALP03OLARA6 EVERLIGHT-EALP03OLARA6 Datasheet
795Kb / 11P
High luminous intensity output
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
High luminous intensity output
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
High luminous intensity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com