Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS226K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS226K
Description  Plastic-Encapsulated Small Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS226K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS226K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS226K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS226K
0.3A , 85V
Plastic-Encapsulated Small Signal Switching Diode
21-Jul-2015 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Low forward voltage: VF(3) = 0.9V (typ.)
Fast reverse recovery time : trr = 1.6ns (typ.)
Small total capacitance: Ct = 0.9pF (typ.)
PACKAGE INFORMATION
Weight: 0.0078 g (approximately)
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
ABSOLUTE MAXIMUM RATINGS, Single Diode (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Non-Repetitive Peak Reverse Voltage
VRM
85
V
Repetitive Peak Reverse Voltage
VRRM
80
V
Working Peak Reverse Voltage
VRWM
80
V
DC Blocking Voltage
VR
80
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
100
mA
Peak Forward Surge Current@10ms
IFSM
2
A
Power Dissipation
PD
150
mW
Junction, Storage Temperature
TJ, TSTG
125, -55~125
°C
CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)
80
-
-
V
IR=100uA
Forward Voltage
VF
-
-
1.2
V
IF=100mA
Reverse Current
IR
-
-
0.5
A
VR=80V
Capacitance Between Terminals
CD
-
-
3.0
pF
VR=0, f=1 MHz
Reverse Recovery Time
TRR
-
-
4.0
ns
IF=10mA
Part Number
SCS226K
Marking
C3 / A7
Circuit
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - SCS226K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS226K SECOS-SCS226K Datasheet
359Kb / 3P
Surface Mount Device Ultra High Speed Switching Diode
SCS226K SECOS-SCS226K Datasheet
380Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_09 Datasheet
380Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_11 Datasheet
351Kb / 2P
0.3A , 85V Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_15 Datasheet
351Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
More results

Similar Description - SCS226K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS202NK SECOS-SCS202NK Datasheet
316Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS202PK SECOS-SCS202PK Datasheet
192Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
BAL99 SECOS-BAL99 Datasheet
121Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448F SECOS-MMBD4448F Datasheet
225Kb / 2P
Plastic-Encapsulated Switching Diode
SCS193K SECOS-SCS193K Datasheet
311Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_09 Datasheet
380Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS202NK SECOS-SCS202NK_11 Datasheet
325Kb / 2P
0.3A , 80V Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_11 Datasheet
351Kb / 2P
0.3A , 85V Plastic-Encapsulated Small Signal Switching Diode
SCS193K SECOS-SCS193K_15 Datasheet
311Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_15 Datasheet
351Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com