Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF10-1K010F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF10-1K010F2
Description  EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-1K010F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF10-1K010F2 Datasheet HTML 1Page - STMicroelectronics EMIF10-1K010F2 Datasheet HTML 2Page - STMicroelectronics EMIF10-1K010F2 Datasheet HTML 3Page - STMicroelectronics EMIF10-1K010F2 Datasheet HTML 4Page - STMicroelectronics EMIF10-1K010F2 Datasheet HTML 5Page - STMicroelectronics EMIF10-1K010F2 Datasheet HTML 6Page - STMicroelectronics EMIF10-1K010F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EMIF10-1K010F2
4/7
Figure 9: Aplac model single line structure
Figure 10: Aplac model parameters
sub
Rsubump
Rsubump
Csubump
Csubump
+
+
Rsub
Ii
GNDi
Oi
Rgnd
Rseries
MODEL = demif10
MODEL = demif10
sub
Rgnd
Rgnd
Rgnd
Lgnd
Lgnd
Lgnd
cap_line
cap_line
Port15
50
Port16
50
50pH
50pH
Rs
Rs
50m
50m
Ls
Ls
Ii
Ii
Oi
Oi
++
Lgnd
+
-
Lbump
Rbump
Lhole
Rhole
GNDi
cap_hole
+
Cz
57pF
Rseries
960
cap_line
0.8pF
Ls
0.6nH
Rbump
50m
Lbump
50pH
Rs
0.15
Csubump
15pF
Rsubump
0.15
Rsub
0.1
lhole
1.2nH opt
Rhole
0.15
cap_hole
0.15pF
Rgnd
0.25
Ignd
0.4nH
Model demif10
BV = 7
IBV = 1m
CJO = Cz
M = 0.3333
Rs = 1
VJ = 0.6
TT = 100n



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com