Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C14406 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14406
Description  ~50째 wide beam. Variant made from PC.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14406 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14406 Datasheet HTML 1Page - Ledil, Inc. C14406 Datasheet HTML 2Page - Ledil, Inc. C14406 Datasheet HTML 3Page - Ledil, Inc. C14406 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C14406_HB-2X2-W-PC
HB-2X2-W-PC
~50° wide beam. Variant made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
50.0 mm
Height
8.5 mm
Fastening
pin, screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
9.1 kg
Quantity in Box
800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
HB-2X2-W-PC
Multi-lens
PC
clear
Last update: 18/12/2018
Subject to change without prior notice
Published: 19/12/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - C14406

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14409 LEDIL-C14409 Datasheet
5Mb / 3P
Installation clip for fastening FLORENCE-1R optics or FLORENTINA-HLD
More results

Similar Description - C14406

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16324 LEDIL-CS16324 Datasheet
6Mb / 7P
~90째 wide beam. Variant made from PMMA.
CS16328 LEDIL-CS16328 Datasheet
6Mb / 6P
~30째 spot beam. Variant made from PC.
CS16329 LEDIL-CS16329 Datasheet
6Mb / 6P
~65째 medium beam. Variant made from PC.
CS16330 LEDIL-CS16330 Datasheet
6Mb / 6P
~90째 wide beam. Variant made from PC.
C17266 LEDIL-C17266 Datasheet
2Mb / 3P
~90째 wide beam for industrial applications. Variant made from PC.
CS17088 LEDIL-CS17088 Datasheet
3Mb / 7P
~20째 spot beam. Variant made from PC.
CS17090 LEDIL-CS17090 Datasheet
3Mb / 5P
~25째 medium beam. Variant made from PC.
CS17147 LEDIL-CS17147 Datasheet
4Mb / 5P
~90째 wide beam. Variant made from PC.
CS17149 LEDIL-CS17149 Datasheet
4Mb / 4P
~60째 wide beam. Variant made from PC
CA15551 LEDIL-CA15551 Datasheet
1Mb / 5P
~35째 medium beam. Variant made from PC.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com