Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPS1050 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # PPS1050
Description  SMD Schottky Barrier Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PPS1050 Datasheet(HTML) 2 Page - Diotec Semiconductor

  PPS1050 Datasheet HTML 1Page - Diotec Semiconductor PPS1050 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PPS1030 ... PPS1060
Characteristics
Kennwerte
Type
Typ
Forward voltage
Durchlass-Spannung
Forward voltage
Durchlass-Spannung
Forward voltage
Durchlass-Spannung
VF [V]
1) @ IF [A] @ Tj
VF [V]
1) @ IF [A] @ Tj
VF [V]
1) @ IF [A] @ Tj
PPS1030 ... PPS1045
typ. 0.31
5
125°C
< 0.44
5
25°C
< 0.49
10
25°C
PPS1050 ... PPS1060
typ. 0.45
5
125°C
< 0.51
5
25°C
< 0.63
10
25°C
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
IR
< 300 µA
typ. 10 mA
Typical junction capacitance – Typische Sperrschichtkapazität
VR = 4 V
Cj
500 pF
Typ. thermal resistance junction to case – Typ. Wärmewiderstand Sperrschicht – Gehäuse
RthC
2 K/W
2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Both anode pins connected – Beide Anodenanschlüsse kontaktiert
2
Measured at heat flange – Gemessen an der Kühlfahne
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
[°C]
T
T
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0
V
F
0.4
0.6
[V] 1.0
T = 25°C
j
T = 125°C
j
PPS1050 ... PPS1060
PPS1030 ... PPS1045
10
10
10
1
10
3
-1
2
[mA]
I
R
0
V
RRM
40
60
80
100
[% ]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 150°C
j
T = 125°C
j
T = 75°C
j
V
= 50V ... 60V
RRM
T = 100°C
j
10
10
10
1
10
3
-1
2
[mA]
I
R
0
V
RRM
40
60
80
100
[%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 150°C
j
T = 125°C
j
T = 75°C
j
V
= 30V ... 45V
RRM
T = 100°C
j



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com