Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z33B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MM3Z33B
Description  SMD Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MM3Z33B Datasheet(HTML) 2 Page - Diotec Semiconductor

  MM3Z33B Datasheet HTML 1Page - Diotec Semiconductor MM3Z33B Datasheet HTML 2Page - Diotec Semiconductor MM3Z33B Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MM3Z2B4 ... MM3Z39B
Characteristics
(Tj = 25°C unless otherwise specified)
Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Code
Zener voltage
1)
Zener-Spanng.
1)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
Reverse voltage
Sperrspannung
VR at/bei IR
Z-current
2)
Z-Strom
2)
TA = 25°C
MM3Z...
Vzmin [V]
Vzmax [V]
IZ = 5 mA
αVZ [10
-4/°C]
VR [V]
IR [µA]
IZmax [mA]
2B4
DN
2.35
2.45
100
-8...-5
1
120
122
2B7/-Q
DP
2.64
2.75
110
-8...-5
1
120
109
3B0
DR
2.94
3.06
120
-8...-5
1
50
98
3B3
DX
3.23
3.37
130
-8...-5
1
20
89
3B6/-Q
DY
3.52
3.67
130
-8...-5
1
10
82
3B9/-Q
DZ
3.82
4.10
130
-8...-5
1
5
73
4B3
Z0
4.21
4.60
130
-7...-4
1
5
65
4B7/-AQ
EB
4.60
5.00
130
-5...-2
1
2
60
5B1/-Q/-AQ
EC
4.99
5.40
130
-2...+2
1.5
2
56
5B6/-AQ
ED
5.48
6.00
80
-1...+4
2.5
1
50
6B2/-Q/-AQ
EE
6.07
6.60
50
+2...+5
3
1
45
6B8/-Q/-AQ
EF
6.66
7.20
30
+3...+6
3.5
0.5
42
7B5/-Q/-AQ
EH
7.35
7.90
30
+3...+6
4
0.5
38
8B2/-Q
EJ
8.04
8.70
30
+4...+7
5
0.5
34
9B1
EK
8.92
9.60
30
+4...+7
6
0.5
31
10B
8B
9.77
10.21
30
+5...+8
7
0.1
29
11B/-AQ
8C
10.76
11.22
30
+5...+8
8
0.1
27
12B
8D
11.74
12.24
35
+5...+8
9
0.1
25
13B/-AQ
8E
12.91
13.49
35
+6...+9
10
0.1
22
15B/-Q/-AQ
8F
14.34
14.98
40
+6...+9
11
0.1
20
16B/-Q
8H
15.85
16.51
40
+6...+9
12
0.1
18
18B/-AQ
8J
17.56
18.35
45
+6...+9
13
0.1
16
20B
8K
19.52
20.39
50
+6...+9
15
0.1
15
22B
8M
21.54
22.47
55
+7...+10
17
0.1
13
24B/-AQ
8N
23.72
24.78
60
+7...+10
19
0.1
12
27B
8P
26.19
27.53
70
+7...+10
21
0.1
11
30B/-AQ
8R
29.19
30.69
80
+7...+10
23
0.1
10
33B
8X
32.15
33.79
80
+7...+10
25
0.1
9
36B
8Y
35.07
36.87
90
+7...+10
27
0.1
8
39B/-Q
8Z
37.00
41.00
100
+7...+10
30
2
7
1
Tested with pulses tp = 5 ms – Gemessen mit Impulsen tp = 5 ms
2
Mounted on P.C. board with 3 mm
2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com