Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856AW Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BC856AW
Description  SMD General Purpose PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC856AW Datasheet(HTML) 2 Page - Diotec Semiconductor

  BC856AW Datasheet HTML 1Page - Diotec Semiconductor BC856AW Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC856AW ... BC859CW
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis
VCE = 5 V, IC = 10 µA
Group A
Group B
Group C
hFE
–
–
–
140
250
480
–
–
–
VCE = 5 V, IC = 2 mA
Group A
Group B
Group C
hFE
125
220
420
180
290
520
250
475
800
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung
1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VCEsat
–
–
75 mV
250 mV
300 mV
650 mV
Base-Emitter saturation voltage – Basis-Sättigungsspannung
2)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VBEsat
–
–
700 mV
850 mV
–
–
Base-Emitter-voltage – Basis-Emitter-Spannung
2)
VCE = 5 V, IC = 2 mA
VCE = 5 V, IC = 10 mA
VBE
600 mV
–
650 mV
–
750 mV
820 mV
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 30 V, (E open)
VCE = 30 V, Tj = 125°C, (E open)
ICBO
–
–
–
–
15 nA
5 µA
Emitter-Base cutoff current
VEB = 5 V, (C open)
IEBO
–
–
100 nA
Gain-Bandwidth Product – Transitfrequenz
VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
–
100 MHz
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 10 V, IE =ie = 0, f = 1 MHz
CCBO
–
–
4.5 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEBO
–
10 pF
15 pF
Noise figure – Rauschzahl
- VCE = 5 V, - IC = 200 µA, RG = 2 kΩ
f = 1 kHz, Δf = 200 Hz
BC856W ... BC858W
BC859W
F
–
–
–
1 dB
10 dB
4 dB
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 620 K/W
2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2%
Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on P.C. board with 3 mm
2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com