Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP04734 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04734
Description  SAW Filter 1000.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04734 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04734 Datasheet HTML 1Page - Golledge Electronics Ltd MP04734 Datasheet HTML 2Page - Golledge Electronics Ltd MP04734 Datasheet HTML 3Page - Golledge Electronics Ltd MP04734 Datasheet HTML 4Page - Golledge Electronics Ltd MP04734 Datasheet HTML 5Page - Golledge Electronics Ltd MP04734 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1000.0MHz
Model: TA1483A
Part No: MP04734
Rev No: 1
TA1483A v1
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device
1. Input Power Level: 0dBm
2. DC Voltage: 5V
3. Operating Temperature: -30°C to +70°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
1000
-
3dB BW
MHz
1.5
2.0
-
Minimum insertion loss IL (min) incl. loss of matching
elements *1)
dB
-
3.2
5.0
Passband (relative to IL min) *1) 999.60 ~ 1000.40MHz
dB
-
0.6
3.0
Attenuation (relative to IL min) *1)
500.0 ~ 910.0 MHz
dB
35
48
-
910.0 ~ 985.0MHz
dB
30
36
-
985.0 ~ 997.0MHz
dB
18
25
-
1003.0 ~ 1010.0MHz
dB
6
21
-
1010.0 ~ 1020.0MHz
dB
15
23.5
-
1020.0 ~ 1100.0MHz
dB
30
34
-
Temperature Coefficient
ppm/°C2
-0.036
*1. The matching circuit is real by actual passive components.
0805 Coillcraft CS series chip conductor is used for inductor.
0402 muRata GRM series is used for capacitor.


Similar Part No. - MP04734

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04720 GOLLEDGE-MP04720 Datasheet
128Kb / 5P
SAW Filter 446.0MHz
MP04725 GOLLEDGE-MP04725 Datasheet
202Kb / 6P
SAW Resonator 1040.0MHz
MP04740 GOLLEDGE-MP04740 Datasheet
219Kb / 5P
SAW Filter 190.0MHz
MP04754 GOLLEDGE-MP04754 Datasheet
466Kb / 7P
SAW Filter 1400.0MHz
MP04766 GOLLEDGE-MP04766 Datasheet
104Kb / 5P
SAW Filter 70.0MHz
More results

Similar Description - MP04734

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP02638 GOLLEDGE-MP02638 Datasheet
237Kb / 6P
SAW Resonator: 1000.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com