Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP61 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP61
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP61 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP61 Datasheet HTML 13Page - Texas Instruments TMP61 Datasheet HTML 14Page - Texas Instruments TMP61 Datasheet HTML 15Page - Texas Instruments TMP61 Datasheet HTML 16Page - Texas Instruments TMP61 Datasheet HTML 17Page - Texas Instruments TMP61 Datasheet HTML 18Page - Texas Instruments TMP61 Datasheet HTML 19Page - Texas Instruments TMP61 Datasheet HTML 20Page - Texas Instruments TMP61 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100 120 140 160
0
0
1
0.8
2
1.6
3
2.4
4
3.2
5
4
6
4.8
7
5.6
d011
VTemp (IBIAS= 200 PA)
VTemp (VBIAS = 2 V)
Error (qC) (IBIAS = 200 PA)
Error (qC) (VBIAS = 2 V)
Temperature (qC)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
D014
17
TMP61
www.ti.com
SBOS921 – DECEMBER 2018
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
Figure 20. Thermal Foldback Voltage Output Curve
9.2.1.3 Application Curve
The TMP61 accuracy varies depending on the selected biasing circuit. This variation can be seen in Figure 21.
VTEMP is shown with either VBIAS at 2 V in a resistor divider circuit (RBIAS = 10 kΩ ±1%) or IBIAS at 200 µA. Supply
sources used are assumed to be ideal. The best accuracy is achieved using a direct current bias method.
Figure 21. TMP61 Voltage Output and Temperature Error Based on the Bias Method
10 Power Supply Recommendations
The maximum recommended operating voltage of the TMP61 is 5.5 V (VSns), and the maximum current through
the device is 400 µA (ISns).
11 Layout
11.1 Layout Guidelines
The layout of the TMP61 is similar to that of a passive component. If the device is biased with a current source,
the positive pin 2 will be connected to the source, while the negative pin 1 will be connected to ground. If the
circuit is biased with a voltage source, and the device is placed on the lower side of the resistor divider, V– will
be connected to ground and V+ will be connected to the output, VTEMP. If the device is placed on the upper side
of the divider, V+ is connected to the voltage source and V– is connected to the output voltage, VTEMP. Device
layout is as shown in Figure 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com