Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS431XRIX-Z Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS431XRIX-Z
Description  2.495V Programmable Shunt Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431XRIX-Z Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS431XRIX-Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431XRIX-Z Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS431xRIX-Z
Taiwan Semiconductor
2
Version: B1608
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Cathode Voltage
VKA
36
V
Continuous Cathode Current
IK
120
mA
Reference Input Current
IREF
10
mA
Power Dissipation
PD
0.25
W
Operating Temperature Range
TOPER
-40 ~ +125
oC
Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-40 ~ +150
oC
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Thermal Resistance - Junction to Case
RӨJC
110
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
350
oC/W
Note: Consider measured with the PCB copper area of approximately 1 in
2 (Multi-Layer)
ELECTRICAL SPECIFICATIONS (T
A=+25
oC, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Reference voltage
VREF
VKA =VREF, IK
=10mA
(Figure 1)
TS431A
2.470
2.495
2.520
V
TS431B
2.483
2.507
Deviation of reference input
voltage
∆ VREF
VKA = VREF, IK =10mA
(Figure 1)
TA=-20~85
oC
--
25
35
mV
Radio of change in Vref to
change in cathode Voltage
∆VREF
/∆VKA
IKA =10mA,
(Figure 2)
VKA = 10V to VREF
--
-1.2
-2.0
mV/V
VKA = 36V to 10V
--
-1.0
-2.0
Reference Input current
IREF
R1=10kΩ, R2=
∞
IKA =10mA
(Figure 2)
--
1.5
3.5
µA
Deviation of reference input
current, over temp.
∆IREF
R1=10kΩ, R2=
∞ , IKA =10mA
TA=-20~85
oC (Figure 2)
--
0.4
1.2
µA
Off-state Cathode Current
IKA (off)
VREF =0V
(Figure 3), V
KA =36V
--
0.1
1.0
µA
Dynamic Output Impedance
| ZKA |
f<1kHz, VKA = VREF
(Figure 1)
--
0.2
0.5
Ω
Minimum operating cathode
current
IKA (min)
VKA = VREF
(Figure 1)
--
0.2
0.5
mA
Note: The deviation parameters ∆VREF and ∆IREF are defined as difference between the maximum value and minimum value
obtained over the full operating ambient temperature range that applied.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS431ARIX-Z RFG
SOT-23
3,000pcs / 7” Reel
TS431BRIX-Z RFG
SOT-23
3,000pcs / 7” Reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com