Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA130.A.LP.002 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MA130.A.LP.002
Description  MA130 GPS/GLONASS/GALILEO and ISM Band 868MHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA130.A.LP.002 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MA130.A.LP.002 Datasheet HTML 1Page - Taoglas antenna solutions MA130.A.LP.002 Datasheet HTML 2Page - Taoglas antenna solutions MA130.A.LP.002 Datasheet HTML 3Page - Taoglas antenna solutions MA130.A.LP.002 Datasheet HTML 4Page - Taoglas antenna solutions MA130.A.LP.002 Datasheet HTML 5Page - Taoglas antenna solutions MA130.A.LP.002 Datasheet HTML 6Page - Taoglas antenna solutions MA130.A.LP.002 Datasheet HTML 7Page - Taoglas antenna solutions MA130.A.LP.002 Datasheet HTML 8Page - Taoglas antenna solutions MA130.A.LP.002 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SPE-14-8-094/C/WY
Page 2 of 23
1.Introduction
The MA130 Hercules antenna is a GPS/GLONASS/GALILEO and ISM Band 868MHz
combination 2in1 high performance solution for remote monitoring. The integrated
metal thread-mount allows for external use on vehicles and outdoor assets worldwide.
The 868MHz ISM Band antenna has an inbuilt ground-plane and comparatively
wide-bandwidth of 30MHz+, at a minimum return loss of -10dB from 850MHz to
880MHz, delivering complete stability of performance when mounted on a
ground-plane or in free-space, thus permitting a wide variety of installations. The
omni-directional gain pattern, with a peak gain of 4dBi when using shorter cable
lengths, ensures constant reception and transmission.
The GPS/GLONASS/GALILEO antenna has been optimized to work on both
GPS/GALILEO and GLONASS bands, allowing the antenna to see the maximum
amount of satellites in the sky and improving tracking accuracy enormously especially
in built up areas, such as urban canyons where traditional GPS-only solutions struggle
to maintain a lock driving around corners. A front-end SAW filter attenuates any
nearby out-of-band wireless transmissions so the GPS/GALILEO LNA is not driven into
compression or damaged.
The Hercules is also prized by the leading wireless device brands globally due to its
unique mechanical construction. The compact size and rugged polycarbonate
construction, which can withstand direct attack and hazards such as tree-branches,
coupled with a waterproof rating of IP67 and IP69K (waterproof against high pressure
industrial cleaning from top and bottom sides) are un-matched in the industry.
The standard option comes with 200mm cables and SMA(M) connectors. The cable
length and connector are customizable. Taoglas supplies low loss extension cables
according to your requirement. Maximum cable length should not go beyond 5 meters.
The Hercules is also available in White. Contact your regional sales office for further
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com