Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514265CSL Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM514265CSL
Description  262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514265CSL Datasheet(HTML) 2 Page - OKI electronic componets

  MSM514265CSL Datasheet HTML 1Page - OKI electronic componets MSM514265CSL Datasheet HTML 2Page - OKI electronic componets MSM514265CSL Datasheet HTML 3Page - OKI electronic componets MSM514265CSL Datasheet HTML 4Page - OKI electronic componets MSM514265CSL Datasheet HTML 5Page - OKI electronic componets MSM514265CSL Datasheet HTML 6Page - OKI electronic componets MSM514265CSL Datasheet HTML 7Page - OKI electronic componets MSM514265CSL Datasheet HTML 8Page - OKI electronic componets MSM514265CSL Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
¡ Semiconductor
MSM514265C/CSL
PIN CONFIGURATION (TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
DQ1
DQ2
DQ3
DQ4
VCC
DQ5
DQ6
DQ7
DQ8
NC
NC
WE
RAS
NC
A0
A1
A2
A3
VCC
VSS
DQ16
DQ15
DQ14
DQ13
VSS
DQ12
DQ11
DQ10
DQ9
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
21
22
40-Pin Plastic SOJ
44/40-Pin Plastic TSOP
(K Type)

20
VCC
DQ1
DQ2
DQ3
DQ4
VCC
DQ5
DQ6
DQ7
DQ8
NC
NC
WE
RAS
NC
A0
A1
A3
VCC
A2
44
43
42
41
40
39
38
37
36
35
32
31
30
29
28
27
26
24
23
25
VSS
DQ16
DQ15
DQ14
DQ13
VSS
DQ12
DQ11
DQ10
DQ9
NC
LCAS
UCAS
OE
A8
A7
A6
A4
VSS
A5


Pin Name
Function
A0 - A8
Address Input
RAS
Row Address Strobe
LCAS
Lower Byte Column Address Strobe
DQ1 - DQ16
Data Input / Data Output
OE
Output Enable
Write Enable
Power Supply (5 V)
Ground (0 V)
NC
No Connection
VCC
VSS
WE
UCAS
Upper Byte Column Address Strobe
Note: The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com