Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT151T Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT151T
Description  Fast CMOS 8-Input Multiplexer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT151T Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT151T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT151T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT151T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT151T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT151T Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS2028A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT151/2151/251T
8-INPUT MULTIPLEXER
PI74FCT151/2151T Switching Characteristics over Operating Range
151T/2151T
151AT/2151AT
151CT/2151CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
9.0
1.5
6.6
1.5
5.6
ns
tPHL
Sn to Z
RL = 500
Ω
tPLH
Propagation Delay
1.5
10.5
1.5
6.8
1.5
5.8
ns
tPHL
Sn to Z
tPLH
Propagation Delay
1.5
7.0
1.5
5.6
1.5
4.8
ns
tPHL
E to Z
tPLH
Propagation Delay
1.5
9.5
1.5
5.8
1.5
5.0
ns
tPHL
E to Z
tPLH
Propagation Delay
1.5
6.5
1.5
5.2
1.5
4.4
ns
tPHL
In to Z
tPLH
Propagation Delay
1.5
7.5
1.5
5.5
1.5
4.7
ns
tPHL
In to Z
PI74FCT251T Switching Characteristics over Operating Range
251T
251AT
251CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
9.0
1.5
6.6
1.5
5.6
ns
tPHL
Sn to Z
RL = 500
Ω
tPLH
Propagation Delay
1.5
11.0
1.5
6.8
1.5
5.8
ns
tPHL
Sn to Z
tPLH
Propagation Delay
1.5
7.0
1.5
5.2
1.5
4.4
ns
tPHL
In to Z
tPLH
Propagation Delay
1.5
7.0
1.5
5.5
1.5
4.7
ns
tPHL
In to Z
tPZH
Output Enable Time
1.5
9.0
1.5
6.7
1.5
5.7
ns
tPZL
OE to Z
tPHZ
Output Disable Time(3)
1.5
7.5
1.5
6.0
1.5
5.0
ns
tPLZ
OE to Z
tPZH
Output Enable Time
1.5
9.0
1.5
6.7
1.5
5.7
ns
tPZL
OE to Z
tPHZ
Output Disable Time(3)
1.5
7.0
1.5
6.0
1.5
5.0
ns
tPLZ
OE to Z
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com