Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP6013PQAG Datasheet(PDF) 8 Page - uPI Group Inc.

Part # UP6013PQAG
Description  High Efficiency Synchronous Rectifier Boost Converter PWM Output Current Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6013PQAG Datasheet(HTML) 8 Page - uPI Group Inc.

Back Button UP6013PQAG Datasheet HTML 4Page - uPI Group Inc. UP6013PQAG Datasheet HTML 5Page - uPI Group Inc. UP6013PQAG Datasheet HTML 6Page - uPI Group Inc. UP6013PQAG Datasheet HTML 7Page - uPI Group Inc. UP6013PQAG Datasheet HTML 8Page - uPI Group Inc. UP6013PQAG Datasheet HTML 9Page - uPI Group Inc. UP6013PQAG Datasheet HTML 10Page - uPI Group Inc. UP6013PQAG Datasheet HTML 11Page - uPI Group Inc. UP6013PQAG Datasheet HTML 12Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
uP6013
Conceptual
8
uP6013-DS-C3200, Jun. 2016
www.upi-semi.com
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
t
u
p
n
I
c
i
g
o
L
w
o
L
c
i
g
o
L
1
N
EV
L
_
1
N
E
e
l
b
a
s
i
D-
--
-5
.
0V
h
g
i
H
c
i
g
o
L
1
N
EV
H
_
1
N
E
e
l
b
a
n
E5
.
1-
--
-V
w
o
L
c
i
g
o
L
2
N
EV
L
_
2
N
E
e
l
b
a
s
i
D-
--
-5
.
0V
h
g
i
H
c
i
g
o
L
2
N
EV
H
_
2
N
E
e
l
b
a
n
E5
.
1-
--
-V
w
o
L
c
i
g
o
L
L
T
C
_
M
W
PV
L
_
M
W
P
-
--
-5
.
0V
h
g
i
H
c
i
g
o
L
L
T
C
_
M
W
PV
H
_
M
W
P
5
.
1-
--
-V
y
c
n
e
u
q
e
r
F
t
u
p
n
I
L
T
C
_
M
W
PF
M
W
P
1-
-0
0
1z
H
k
e
g
a
t
l
o
V
t
u
p
n
I
L
T
C
_
C
DV
N
I
_
C
D
5
2
.
0-
-5
1
.
1V
n
o
i
t
c
e
t
o
r
P
e
r
u
t
a
r
e
p
m
e
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
TT
N
D
H
S
-
-0
6
1-
-
oC
s
i
s
e
r
e
t
s
y
H
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
T
N
D
H
S
-
-0
2-
-
oC
e
r
u
t
a
r
e
p
m
e
T
k
c
a
B
d
l
o
F
l
a
m
r
e
h
TT
D
L
O
F
_
T
-
-0
2
1-
-
oC
s
i
s
e
r
e
t
s
y
H
k
c
a
B
d
l
o
F
l
a
m
r
e
h
T
T
D
L
O
F
_
T
-
-0
4-
-
oC
t
i
m
i
L
t
n
e
r
r
u
CI
L
C
_
X
L
-
-9
-
-A
d
l
o
h
s
e
r
h
T
t
i
u
c
r
i
C
-
t
r
o
h
S
T
U
O
VV
P
C
S
g
n
il
l
a
F-
-V
T
U
O
%
3
7
*-
-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com