Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP6014PDDA Datasheet(PDF) 4 Page - uPI Group Inc.

Part # UP6014PDDA
Description  High Efficiency Synchronous Rectifier Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6014PDDA Datasheet(HTML) 4 Page - uPI Group Inc.

  UP6014PDDA Datasheet HTML 1Page - uPI Group Inc. UP6014PDDA Datasheet HTML 2Page - uPI Group Inc. UP6014PDDA Datasheet HTML 3Page - uPI Group Inc. UP6014PDDA Datasheet HTML 4Page - uPI Group Inc. UP6014PDDA Datasheet HTML 5Page - uPI Group Inc. UP6014PDDA Datasheet HTML 6Page - uPI Group Inc. UP6014PDDA Datasheet HTML 7Page - uPI Group Inc. UP6014PDDA Datasheet HTML 8Page - uPI Group Inc. UP6014PDDA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
uP6014
4
uP6014-DS-P0000, July 2015
www.upi-semi.com
Functional Description
The uP6014 integrates an N-channel and P-channel
MOSFETs to realize a synchronous rectifier. The power
conversion efficiency is up to 90%. Since a typical step-
up converter has a conduction path from the input to the
output via the body diode of the P-channel MOSFET, a
specific circuit is used to reverse the polarity of the P-
channel body diode when the part is shutdown. It certainly
protects battery from being completely depleted during
shutdown.
Input Supply Voltage, V
BAT
V
BAT supplies current to internal control circuits and output
voltages. The supply voltage range is from 2.5V to 5.5V. A
power on reset (POR) continuously monitors the input
supply voltage. The POR level is typically 2.2V at V
BAT
rising. A minimum 47uF ceramic capacitor with shortest
PCB traces is highly recommended for bypassing the
supply input.
Current Limit Function
When the inductor current is higher than current limit
threshold, the current limit function activates and forces
the N-channel MOSFET turning off to limit inductor current
cycle-by-cycle. The current limit threshold will be setting
to 3A when V
BAT > VOUT -0.5V. If output voltage is drop under
73% (Typ) of setting, the short circuit protect function (SCP)
will be active.
Output Voltage Setting and Feedback Network
The output voltage can be set from VFB to VOUT by a
voltage divider as:
+
×
=
2
R
1
R
1
V
V
FB
OUT
The internal VREF is 1.227V with 1.5% accuracy. In real
applications, a 22pF feedforward ceramic capacitor is
recommended in parallel with R1 for better transient
response.
Over Voltage Protection
When output voltage reached 6V (Typ), the output over
voltage will be triggered to prevent external component from
being damaged.
Over Temperature Protection (OTP)
The OTP is triggered and shuts down the uP6014 if the
junction temperature is higher than 160OC. The OTP is a
non-latch type protection. The uP6014 automatically
initiates another soft start cycle if the junction temperature
drops below 140OC.
Fixed Mode
The uP6014 is implemented with a fixed 5.2V output voltage
function without the need of an external feedback voltage
divider. If the FB pin is shorted to GND during device start-
up, the uP6014 will automatically activate its internal
feedback network and regulate its output at 5.2V(typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com