Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

306RPFS Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 306RPFS
Description  16-Channel CMOS Analog Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

306RPFS Datasheet(HTML) 5 Page - Maxwell Technologies

  306RPFS Datasheet HTML 1Page - Maxwell Technologies 306RPFS Datasheet HTML 2Page - Maxwell Technologies 306RPFS Datasheet HTML 3Page - Maxwell Technologies 306RPFS Datasheet HTML 4Page - Maxwell Technologies 306RPFS Datasheet HTML 5Page - Maxwell Technologies 306RPFS Datasheet HTML 6Page - Maxwell Technologies 306RPFS Datasheet HTML 7Page - Maxwell Technologies 306RPFS Datasheet HTML 8Page - Maxwell Technologies 306RPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
16-Channel CMOS Analog Multiplexer
306
08.15.02 Rev 5
Enable Turn-On Time
t
ON(EN)
Figure 11
T
A = +25°C
9
--
130
200
ns
T
A = -55 TO +125°C
10, 11
400
Enable Turn-Off Time
t
OFF(EN)
Figure 11
T
A = +25°C
9
--
55
150
ns
T
A = -55 TO +125°C
10, 11
300
Charge Injection1
QC
L = 1.0 nF,
V
NO = 0V,
R
S = 0Ω,
Figure 13
T
A = +25°C
9
--
2
10
pC
Off Isolation5
V
ISO
V
EN = 0V,
R
L = 1 kΩ,
f = 100 kHz
,
Figure 14
T
A = +25°C
9
--
-69
--
dB
Crosstalk Between Chan-
nels
V
CT
V
EN = 2.4V,
f = 100 kHz
,
V
GEN = 1V p-p,
R
L = 1 kΩ,
Figure 15
T
A = +25°C
9
--
-92
--
dB
Logic Input Capacitance
C
IN
f = 1 MHz
T
A = +25°C
9
--
8
--
pF
NO-Off Capacitance
C
NO(OFF)
f = 1 MHz
V
EN = VNO = 0V
Figure 16
T
A = +25°C
9
--
8
--
pF
COM-Off Capacitance
C
COM(OFF) f = 1 MHz
V
EN = 2.4V
Figure 16
T
A = +25°C
9
--
130
--
pF
COM-On Capacitance
C
COM(ON) f = 1 MHz
V
EN = 0.8V
Figure 16
T
A = +25°C
9
--
140
--
pF
1. Guaranteed by design.
2. Characterized and not 100% tested.
3.
∆RON = RON
(MAX) - RON(MIN). On-resistance match between channels and flatness are guaranteed only with specified volt-
ages. Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured at the
extremes of the specified analog signal range.
4. Leakage parameters are 100% tested at the maximum rated hot temperature and guaranteed by correlation at +25°C.
5. Off isolation = 20log VCOM/VNO, where VCOM = output and VNO = input to off switch.
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com