Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

358RPFS Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 358RPFS
Description  8-Channel Fault-Protected Analog Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

358RPFS Datasheet(HTML) 1 Page - Maxwell Technologies

  358RPFS Datasheet HTML 1Page - Maxwell Technologies 358RPFS Datasheet HTML 2Page - Maxwell Technologies 358RPFS Datasheet HTML 3Page - Maxwell Technologies 358RPFS Datasheet HTML 4Page - Maxwell Technologies 358RPFS Datasheet HTML 5Page - Maxwell Technologies 358RPFS Datasheet HTML 6Page - Maxwell Technologies 358RPFS Datasheet HTML 7Page - Maxwell Technologies 358RPFS Datasheet HTML 8Page - Maxwell Technologies 358RPFS Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
All data sheets are subject to change without notice
(858) 503-3000 - Fax: (858) 503-3301 - www.maxwell.com
8-Channel Fault-Protected
358
©2004 Maxwell Technologies
All rights reserved.
Analog Multiplexer
02.06.04 Rev 3
FEATURES:
•RAD-PAK® technology-hardened against natural space radi-
ation
• Total dose hardness:
- > 50 krad (Si), depending upon space mission
• Excellent Single Event Effect
- SEL
TH > 80 MeV/mg/cm
2
- SEU
TH > 80 MeV/mg/cm
2
• Package:
- 16 pin RAD-PAK® Flat Pack
• All switches off with power supplies off
• On channel turns OFF if overvoltage occurs
• Only nanoamperes of input current under all fault condi-
tions
• Operates from ±4.5 to ±18V supplies
• All digital inputs are TTL and CMOS compatible
• Significantly reduced power consumption
DESCRIPTION:
Maxwells’s 358 8-Channel single-ended (1 of 8) multiplexers
with fault protection features a greater than 50 krad (Si) total
dose tolerance, depending upon space mission. Using a
series N-channel, P-channel, N-channel structure, these multi-
plexers provide significantly improved fault protection. If the
power supplies to the fault-protected multiplexer are inadvert-
ently turned off while input voltages are still applied, all chan-
nels in the multiplexer are turned off, and only a few
nanoamperes of leakage current will flow into the inputs. This
protects not only the multiplexer and the circuitry driven by the
multiplexer, but also protects the sensors or signal sources
which drive the multiplexer. All digital inputs have logic thresh-
olds of 0.8V and 2.4V, ensuring both TTL and CMOS compati-
bility without requiring pullup resistors. Break-before-make
operation is guaranteed. Power supply currents have been
reduced and typical power dissipation is less than 2 mW.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or a space
mission. In a GEO orbit, Rad-Pak® provides true greater than
50 krad (Si) total radiation dose tolerance, dependent upon
space mission. This product is available with packaging and
screening up to Class S.
Logic Diagram


Similar Part No. - 358RPFS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
358 LITTELFUSE-358 Datasheet
71Kb / 2P
MINIATURE FUSES - 6.3x32mm
logo
3M Electronics
358 3M-358 Datasheet
1Mb / 4P
3M™ Power Clamp Wiremount Plug
20-Dec-2009
logo
Keystone Electronics Co...
358 KEYSTONE-358 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
Spelsberg
358 903 S1 SPELSBERG-358 903 S1 Datasheet
9Mb / 4P
B-Box 040
358 904 S1 SPELSBERG-358 904 S1 Datasheet
9Mb / 4P
B-Box 040
More results

Similar Description - 358RPFS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG438F AD-ADG438F Datasheet
127Kb / 8P
High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV.D
ADG508F AD-ADG508F Datasheet
170Kb / 12P
4/8 Channel Fault-Protected Analog Multiplexers
REV.C
logo
Maxim Integrated Produc...
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
Fault-Protected Analog Multiplexer
Rev 0; 4/88
MAX368 MAXIM-MAX368 Datasheet
406Kb / 11P
Fault-Protected Analog Multiplexer with Latch
19-0982; Rev 1; 7/96
logo
Analog Devices
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG528FBNZ AD-ADG528FBNZ Datasheet
286Kb / 16P
8-Channel Fault-Protected Analog Multiplexer
Rev. F
logo
Maxim Integrated Produc...
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com