Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS2001-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2001-C
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2001-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMS2001-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2001-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2001-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS2001-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMS2001-C
-2A, -20V, RDS(O ) 200m
P-Channel Enhancement Mode Power MOSFET
07-Dec-2017 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SMS2001-C is the highest performance trench
P-Ch MOSFETs with extreme high cell density, which
provide excellent RDS(ON) and gate charge for most of
the small power switching and load switch applications.
The SMS2001-C meet the RoHS and Green Product
requirement with full function reliability approved.
FEATURES
Advanced High Cell Density Trench Technology
Super Low Gate Charge
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
TA=25°C
-2
Continuous Drain Current, @VGS= -4.5V
1
TA=70°C
ID
-1.6
A
Pulsed Drain Current
3
IDM
-8
A
Power Dissipation
TA=25°C
PD
1
W
Operating Junction & Storage Temperature
TJ, TSTG
-55~150
°C
Thermal Resistance Ratings
t≦5sec, 125
Thermal Resistance Junction-ambient
1
Steady State, 250
Thermal Resistance Junction-ambient
2
RθJA
415
°C/W
Part Number
Type
SMS2001-C
Lead (Pb)-free and Halogen-free
SOT-23
2001
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
1
1
1
2
2
2
2
3
3
3
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0
0.18
B
2.10
2.95
H
0.55 REF.
C
1.20
1.7
J
0.08
0.20
D
0.89
1.3
K
0.6 REF.
E
1.70
2.3
L
0.95 BSC.
F
0.30
0.50


Similar Part No. - SMS2001-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS2002-C SECOS-SMS2002-C Datasheet
375Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SMS2009E SECOS-SMS2009E Datasheet
669Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SMS2009E-C SECOS-SMS2009E-C Datasheet
582Kb / 4P
N-Ch Enhancement Mode Power MOSFET
logo
Kingston Technology Far...
SMS200S3/120G KINGSTON-SMS200S3/120G Datasheet
524Kb / 2P
Save space, time and money.
SMS200S3/240G KINGSTON-SMS200S3/240G Datasheet
524Kb / 2P
Save space, time and money.
More results

Similar Description - SMS2001-C

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com