Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6502 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP6502
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6502 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP6502_17 Datasheet HTML 3Page - Diodes Incorporated AP6502_17 Datasheet HTML 4Page - Diodes Incorporated AP6502_17 Datasheet HTML 5Page - Diodes Incorporated AP6502_17 Datasheet HTML 6Page - Diodes Incorporated AP6502_17 Datasheet HTML 7Page - Diodes Incorporated AP6502_17 Datasheet HTML 8Page - Diodes Incorporated AP6502_17 Datasheet HTML 9Page - Diodes Incorporated AP6502_17 Datasheet HTML 10Page - Diodes Incorporated AP6502_17 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AP6502
Document Number: DS35423 Rev. 10 - 2
7 of 14
www.diodes.com
May 2017
© Diodes Incorporated
AP6502
Typical Performance Characteristics
(VIN = 12V, VOUT = 3.3V, L = 10µH, C1 = 22µF, C2 = 47µF, @TA = +25°C, unless otherwise specified.)
Steady State Test no load
Time -2µs/div
Steady State Test 2A
Time -2µs/div
Startup Through Enable_no load
Time -10ms/div
Startup Through Enable 2A
Time -2ms/div
Shutdown Through Enable_no load
Time -10ms/div
Shutdown Through Enable 2A
Time -5ms/div
Load Transient Test 1.0A to 2.0A
Time -100µs/div
Short Circuit Test
Time -20µs/div
Short Circuit Recovery
Time -20µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com