Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6503A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP6503A
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6503A Datasheet(HTML) 4 Page - Diodes Incorporated

  AP6503A Datasheet HTML 1Page - Diodes Incorporated AP6503A Datasheet HTML 2Page - Diodes Incorporated AP6503A Datasheet HTML 3Page - Diodes Incorporated AP6503A Datasheet HTML 4Page - Diodes Incorporated AP6503A Datasheet HTML 5Page - Diodes Incorporated AP6503A Datasheet HTML 6Page - Diodes Incorporated AP6503A Datasheet HTML 7Page - Diodes Incorporated AP6503A Datasheet HTML 8Page - Diodes Incorporated AP6503A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP6503A
Document number: DS36000 Rev. 4 - 2
4 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AP6503A
Thermal Resistance (Note 6)
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient
74
°C/W
θJC
Junction to Case
16
°C/W
Note:
6. Test condition: SO-8EP: Device mounted on 1" x 1" FR-4 substrate PC board, 2oz copper, with minimum recommended pad on top layer and
thermal vias to bottom layer ground plane.
Recommended Operating Conditions (Note 7) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Supply Voltage
4.75
23
V
TA
Operating Ambient Temperature Range
-40
+85
°C
Note:
7. The device function is not guaranteed outside of the recommended operating conditions.
Electrical Characteristics (VIN = 12V, @TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IIN
Shutdown Supply Current
VEN = 0V
—
0.3
3.0
µA
IIN
Supply Current (Quiescent)
VEN = 2.0V, VFB = 1.0V
—
0.6
1.5
mA
RDS(ON)1
High-Side Switch On-Resistance (Note 8)
—
—
100
—
mΩ
RDS(ON)2
Low-Side Switch On-Resistance (Note 8)
—
—
100
—
mΩ
ILIMIT
Peak HS Current Limit
VOUT = 3.3V, Minimum duty
cycle
—
5.5
—
A
ILIMIT
Valley LS Current Limit
VOUT = 3.3V, From Drain to
Source
—
0.9
—
A
ISW_LKG
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V,
VSW =12V
—
0
10
μA
AVEA
Error Amplifier Voltage Gain
(Note 8)
—
—
800
—
V/V
GEA
Error Amplifier Transconductance
ΔIC = ±10µA
—
1,000
—
µA/V
GCS
COMP to Current Sense
Transconductance
—
—
2.8
—
A/V
fSW
Oscillator Frequency
VFB = 0.75V
210
240
260
kHz
fFB
Fold-back Frequency
VFB = 0V
—
80
—
kHz
DMAX
Maximum Duty Cycle
VFB = 800mV
—
90
—
%
tON
Minimum On Time
—
—
130
—
ns
VFB
Feedback Voltage
TA = -40°C to +85°C
900
925
950
mV
OVP
Feedback Overvoltage Threshold
—
—
1.1
—
V
VEN_Rising
EN Rising Threshold
—
0.7
0.8
0.9
V
ENLOCKOUT
EN Lockout Threshold Voltage
—
2.2
2.5
2.7
V
EN Lockout Hysteresis
—
220
mV
INUVVTH
VIN Undervoltage Threshold Rising
—
3.80
4.05
4.40
V
INUVHYS
VIN Undervoltage Threshold Hysteresis
—
—
250
—
mV
ISS
Soft-Start Current
VSS = 0V
—
6
—
μA
tSS
Soft-Start Period
CSS = 0.1µF
—
15
—
ms
TSD
Thermal Shutdown (Note 8)
—
—
+160
—
°C
Note:
8. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com