Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP63201 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP63201
Description  LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63201 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP63201 Datasheet HTML 1Page - Diodes Incorporated AP63201 Datasheet HTML 2Page - Diodes Incorporated AP63201 Datasheet HTML 3Page - Diodes Incorporated AP63201 Datasheet HTML 4Page - Diodes Incorporated AP63201 Datasheet HTML 5Page - Diodes Incorporated AP63201 Datasheet HTML 6Page - Diodes Incorporated AP63201 Datasheet HTML 7Page - Diodes Incorporated AP63201 Datasheet HTML 8Page - Diodes Incorporated AP63201 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AP63200/AP63201/AP63203/AP63205
Functional Block Diagram
0.4V
0.8V
1.1V
+
-
+
-
-
+
0.6V
+
0.8V
Internal SS
Error
Amplifier
PWM
Comparator
Oscillator
+
Logic
Ref OCP
7.6nF
18k
Ω
SE = 0.84V/T
RT = 0.2V/A
UVP
Q1
Q2
1
2
EN
FB
4
GND
5
SW
6
BST
3 VIN
gm
20k
Ω
+
-
Internal
Reference
VCC
Regulator
ON
1.18V
1.5µA 4µA
VSUM
COMP
CSA
Figure 3. Functional Block Diagram
AP63200/AP63201/AP63203/AP63205
Document number: DS41326 Rev. 2 - 2
3 of 18
www.diodes.com
January 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com