Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP65111A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP65111A
Description  LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65111A Datasheet(HTML) 1 Page - Diodes Incorporated

  AP65111A Datasheet HTML 1Page - Diodes Incorporated AP65111A Datasheet HTML 2Page - Diodes Incorporated AP65111A Datasheet HTML 3Page - Diodes Incorporated AP65111A Datasheet HTML 4Page - Diodes Incorporated AP65111A Datasheet HTML 5Page - Diodes Incorporated AP65111A Datasheet HTML 6Page - Diodes Incorporated AP65111A Datasheet HTML 7Page - Diodes Incorporated AP65111A Datasheet HTML 8Page - Diodes Incorporated AP65111A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP65111A
Document number: DS39760 Rev. 1 - 2
1 of 13
www.diodes.com
June 2017
© Diodes Incorporated
AP65111A
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Description
The
AP65111A
is
a
500kHz
switching
frequency
internal
compensated synchronous DC/DC buck converter. It has integrated
low RDS(ON) high and low side MOSFETs.
The AP65111A enables continuous load current of up to 1.5A with
efficiency as high as 97%.
The AP65111A implements an automatic custom light load efficiency
improvement algorithm.
The AP65111A features current mode control operation, which
enables fast transient response time and easy loop stabilization.
The
AP65111A
simplifies
board
layout
and
reduces
space
requirements with its high level of integration and minimal need for
external
components,
making
it
ideal
for
distributed
power
architectures.
The AP65111A is available in a standard Green TSOT26 package
and is RoHS compliant.
Features
VIN 4.5V to 18V
1.5A Continuous Output Current
Efficiency Up to 97%
Automated Light Load Improvement
VOUT Adjustable from 0.8V
500kHz Switching Frequency
Internal Soft-Start
Enable Pin
Overvoltage Protection & Undervoltage Protection
Overcurrent Protection (OCP) with Hiccup
Thermal Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen
and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
3
2
1
6
4
5
IN
GND
SW
FB
EN
BST
TSOT26
Applications
Gaming Consoles
Flat Screen TV Sets and Monitors
Set-Top Boxes
Distributed Power Systems
Home Audio
Consumer Electronics
Network Systems
FPGA, DSP and ASIC Supplies
Green Electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated‟s definitions of Halogen- and
Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green" products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
AP65111A
L1
6.5μH
R1
40.2k
Ω
R2
13k
Ω
C5
1µF
C2
22μF
C1
22μF
ON
OFF
1
IN
5
EN
3
SW
4
BST
6
FB
2
GND
INPUT
OUTPUT
VOUT
3.3V
VIN
12V
R3
59k
Ω
Figure 1. Typical Application Circuit
VIN=4.5V
VIN=12V
VIN=18V


Similar Part No. - AP65111A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65111 DIODES-AP65111 Datasheet
827Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
January 2018
AP65111WU-7 DIODES-AP65111WU-7 Datasheet
827Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
January 2018
More results

Similar Description - AP65111A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65101 DIODES-AP65101 Datasheet
1Mb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 2
AP65201 DIODES-AP65201 Datasheet
1Mb / 14P
TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC/DC BUCK CONVERTER
Rev 3
AP65211A DIODES-AP65211A_17 Datasheet
921Kb / 13P
LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
Rev 1
AP65400 DIODES-AP65400 Datasheet
716Kb / 15P
LIGHT LOAD IMPROVED 4A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65402 DIODES-AP65402 Datasheet
641Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65403 DIODES-AP65403 Datasheet
607Kb / 15P
LIGHT LOAD IMPROVED 4A, 750kHz SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65500 DIODES-AP65500 Datasheet
776Kb / 15P
LIGHT LOAD IMPROVED 5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65502 DIODES-AP65502 Datasheet
668Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65111 DIODES-AP65111 Datasheet
827Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
January 2018
AP65211 DIODES-AP65211 Datasheet
830Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com