Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP65251 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP65251
Description  ACOT SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65251 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP65251 Datasheet HTML 9Page - Diodes Incorporated AP65251 Datasheet HTML 10Page - Diodes Incorporated AP65251 Datasheet HTML 11Page - Diodes Incorporated AP65251 Datasheet HTML 12Page - Diodes Incorporated AP65251 Datasheet HTML 13Page - Diodes Incorporated AP65251 Datasheet HTML 14Page - Diodes Incorporated AP65251 Datasheet HTML 15Page - Diodes Incorporated AP65251 Datasheet HTML 16Page - Diodes Incorporated AP65251 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AP65251
Document number: DS36109 Rev. 1 - 2
13 of 19
www.diodes.com
October 2017
© Diodes Incorporated
AP65251
PACKAGE INFORMATION
Mechanical Data
Surface Mount Package
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.013 grams (Approximate)
Max Soldering Temperature +260°C for 30 secs as per JEDEC
J-STD-020
Package View
Package Outline Dimensions
TSOT26
TSOT26
Dim
Min
Max
Typ
A
1.00
A1
0.010
0.100
A2
0.840
0.900
D
2.800
3.000
2.900
E
2.800 BSC
E1
1.500
1.700
1.600
b
0.300
0.450
c
0.120
0.200
e
0.950 BSC
e1
1.900 BSC
L
0.30
0.50
L2
0.250 BSC
θ
0°
8°
4°
θ1
4°
12°
All Dimensions in mm
Suggested Pad Layout
TSOT26
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
Note:
The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These
dimensions may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering
and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for
Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
Note:
For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances
between device Terminals and PCB tracking.
D
E1
E1/2
e1
E
E/2
e
A
A2
A1
Seating Plane
0
L2
L
Gauge Plane
01(4x)
01(4x)
c
b
Seating Plane
Y1
C
X
Y
Top View
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com