Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD1283 Datasheet(PDF) 28 Page - Intel Corporation

Part # CD1283
Description  IEEE 1284-Compatible Parallel Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1283 Datasheet(HTML) 28 Page - Intel Corporation

Back Button CD1283 Datasheet HTML 24Page - Intel Corporation CD1283 Datasheet HTML 25Page - Intel Corporation CD1283 Datasheet HTML 26Page - Intel Corporation CD1283 Datasheet HTML 27Page - Intel Corporation CD1283 Datasheet HTML 28Page - Intel Corporation CD1283 Datasheet HTML 29Page - Intel Corporation CD1283 Datasheet HTML 30Page - Intel Corporation CD1283 Datasheet HTML 31Page - Intel Corporation CD1283 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
CD1283 — IEEE 1284-Compatible Parallel Interface
28
Datasheet
• IDReq for slave ID requests from the remote master.
• nINIT for initialization pulses from the master (Compatibility mode only)
Any or all of these bits may be set, based on the mode of operation.
The NegCh interrupt is issued whenever the remote master performs a protocol change, such as
moving from Compatibility mode to ECP; the CPU examines the NSR to determine the new state
of the parallel interface. Signal changes can be identified by reading the SSR. In response to the
EPPAW interrupt, the CPU would read the EAR to retrieve the value that was written during the
EPP address write cycle.
Figure 5. Interrupt Generation Logic
FAILED NEG.
(INVALID EXTCODE)
[COMPATIBILITY MODE]
NSR=0x41
TERMINATION
[COMPATIBILITY MODE]
NSR=0x82
NEG-OK
NSR=0x86[EPP MODE] {40}
NSR=0x88[RN MODE]
{00}
NSR=0x8A[RB MODE]
{01}
NSR=0x8C[ECP w/o RLE]{10}
NSR=0x8E[ECP w/ RLE] {30}
NEG-OK
NSR=0x89[RN ID REQUEST]
{04}
NSR=0x8B[RB ID REQUEST]
{05}
NSR=0x8D[ECP w/o RLE ID REQUEST]{14}
NSR=0x8F[ECP w/ RLE ID REQUEST] {34}
IDReq
PCISR[1]
NegCh
PCISR[5]
IDReq
PCIER[1]
NegCh
PCIER[5]
FAILED NEG
MODE NOT ENABLED
[COMPATIBILITY
MODE]
NSR=0x46 (EPP)
NSR=0x48 (RN)
NSR=0x49 (RN-ID)
NSR=0x4A (RB)
NSR=0x4B (RB-ID)
NSR=0x4C (ECP)
NSR=0x4D (ECP-ID)
NSR=0x4E (ECP-RLE)
NSR=0x4F (ECP-RLE-ID)
HOST TIMEOUT
HOST HAS NOT RESPONDED FOR
OVER 1 SEC.)
[COMPATIBILITY MODE]
NSR=0x22
INVALID
HOST HAS VIOLATED HANDSHAKING
SEQUENCE
[COMPATIBILITY MODE]
NSR=0x16 (EPP)
NSR=0x18 (RN)
NSR=0x19 (RN-ID)
NSR=0x1A (RB)
NSR=0x1B (RB-ID)
NSR=0x1C (ECP)
NSR=0x1D (ECP-ID)
NSR=0x1E (ECP-RLE)
NSR=0x1F (ECP-RLE-ID)
NOTE: An immediate termination from the host gener-
ates this interrupt
NOTE: ID requests fail if either the negotiation type or RID is disabled in
NER. Other negotiations also fail if the negotiation type is disabled.
KEY: [ ] = Current mode
{ } = Interface extensibility request value (see IEEE1284 Std for more details)
(register name[x]) : x = bit #, that is PCIER[1] = PCIER, bit 1
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com