Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KW Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # 2N7002KW
Description  N-Ch Small Signal MOSFET with ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

2N7002KW Datasheet(HTML) 4 Page - SEC Electronics Inc.

  2N7002KW Datasheet HTML 1Page - SEC Electronics Inc. 2N7002KW Datasheet HTML 2Page - SEC Electronics Inc. 2N7002KW Datasheet HTML 3Page - SEC Electronics Inc. 2N7002KW Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2N7002KW
115mA , 60V, RDS(ON) 4 
N-Ch Small Signal MOSFET with ESD Protection
Elektronische Bauelemente
31-Mar-2011 Rev. A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVE
FIG.6‐Gate Charge Waveform 
FIG.10‐Source‐Drain Diode Forward Voltage
FIG.9‐Breakdown Voltage vs Junction Temperature
FIG.8‐Threshold Voltage vs Temperature
FIG.7‐Gate Charge 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com