Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # BZT52B
Description  Surface Mount Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

BZT52B Datasheet(HTML) 2 Page - SEC Electronics Inc.

  BZT52B Datasheet HTML 1Page - SEC Electronics Inc. BZT52B Datasheet HTML 2Page - SEC Electronics Inc. BZT52B Datasheet HTML 3Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
BZT52B Series
350mW, SOD-123 Series
Surface Mount Zener Diodes
3-Dec-2015 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Zener Voltage
2
Maximum Zener
Impedance
3
Maximum
Reverse
Current
Typical
Temperature
Coefficient
Test
Current
VZ@IZT
IZTC
Nom
Min
Max
IZT
ZZT@IZT
ZZK@ IZK
IZK
IR
VR
Min
Max
IZTC
Part
Number
Marking
Code
V
V
V
mA
mA
µA
V
mV/ °C
mA
BZT52B2V4
2WX
2.4
2.35
2.45
5
100
600
1
50
1
-3.5
0
5
BZT52B2V7
2W1
2.7
2.65
2.75
5
100
600
1
20
1
-3.5
0
5
BZT52B3V0
2W2
3
2.94
3.06
5
95
600
1
10
1
-3.5
0
5
BZT52B3V3
2W3
3.3
3.23
3.37
5
95
600
1
5
1
-3.5
0
5
BZT52B3V6
2W4
3.6
3.53
3.67
5
90
600
1
5
1
-3.5
0
5
BZT52B3V9
2W5
3.9
3.82
3.98
5
90
600
1
3
1
-3.5
0
5
BZT52B4V3
2W6
4.3
4.21
4.39
5
90
600
1
3
1
-3.5
0
5
BZT52B4V7
2W7
4.7
4.61
4.79
5
80
500
1
3
2
-3.5
0.2
5
BZT52B5V1
2W8
5.1
5
5.2
5
60
480
1
2
2
-2.7
1.2
5
BZT52B5V6
2W9
5.6
5.49
5.71
5
40
400
1
1
2
-2
2.5
5
BZT52B6V2
2WA
6.2
6.08
6.32
5
10
150
1
3
4
0.4
3.7
5
BZT52B6V8
2WB
6.8
6.66
6.94
5
15
80
1
2
4
1.2
4.5
5
BZT52B7V5
2WC
7.5
7.35
7.65
5
15
80
1
1
5
2.5
5.3
5
BZT52B8V2
2WD
8.2
8.04
8.36
5
15
80
1
0.7
5
3.2
6.2
5
BZT52B9V1
2WE
9.1
8.92
9.28
5
15
100
1
0.5
6
3.8
7
5
BZT52B10
2WF
10
9.8
10.2
5
20
150
1
0.2
7
4.5
8
5
BZT52B11
2WG
11
10.78
11.22
5
20
150
1
0.1
8
5.4
9
5
BZT52B12
2WH
12
11.76
12.24
5
25
150
1
0.1
8
6
10
5
BZT52B13
2WI
13
12.74
13.26
5
30
170
1
0.1
8
7
11
5
BZT52B15
2WJ
15
14.7
15.3
5
30
200
1
0.1
10.5
9.2
13
5
BZT52B16
2WK
16
15.68
16.32
5
40
200
1
0.1
11.2
10.4
14
5
BZT52B18
2WL
18
17.64
18.36
5
45
225
1
0.1
12.6
12.4
16
5
BZT52B20
2WM
20
19.6
20.4
5
55
225
1
0.1
14
14.4
18
5
BZT52B22
2WN
22
21.56
22.44
5
55
250
1
0.1
15.4
16.4
20
5
BZT52B24
2WO
24
23.52
24.48
5
70
250
1
0.1
16.8
18.4
22
5
BZT52B27
2WP
27
26.46
27.54
2
80
300
0.5
0.1
18.9
21.4
25.3
2
BZT52B30
2WQ
30
29.4
30.6
2
80
300
0.5
0.1
21
24.4
29.4
2
BZT52B33
2WR
33
32.34
33.66
2
80
325
0.5
0.1
23.1
27.4
33.4
2
BZT52B36
2WS
36
35.28
36.72
2
90
350
0.5
0.1
25.2
30.4
37.4
2
BZT52B39
2WT
39
38.22
39.78
2
130
350
0.5
0.1
27.3
33.4
41.2
2
Notes:
1.
The device is mounted on a ceramic PCB: 7.6mm × 9.4 mm × 0.87mm with 25mm
2 pad areas.
2.
Short duration test pulse is used to minimize self-heating effect.
3.
f=1KHz.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com