Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84CXXX Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # BZX84CXXX
Description  Surface Mount Zener Voltage Regulator Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

BZX84CXXX Datasheet(HTML) 2 Page - SEC Electronics Inc.

  BZX84CXXX Datasheet HTML 1Page - SEC Electronics Inc. BZX84CXXX Datasheet HTML 2Page - SEC Electronics Inc. BZX84CXXX Datasheet HTML 3Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
BZX84Cxxx Series
300 mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
02-Mar-2015 Rev. D
Page 2 of 3
ELECTRICAL RATINGS (Rating 25°C ambient temperature unless otherwise specified)
ZENER VOLTAGE RANGE
1
MAXIMUM ZENER
IMPEDANCE
2
MAXIMUM
REVERSE
CURRENT
TEMPERATURE
COEFFICENT OF
ZENER VOLTAGE
@ IZT=5mA
VZ@IZT
Min
Nom
Max
IZT
ZZT@IZT
ZZK@IZK
IZK
IR@VR
Min
Max
TYPE
NUMBER
MARKING
CODE
V
V
V
mA
Ω
Ω
mA
μA
V
mV / °C
BZX84C2V4
Z11/KZB
2.2
2.4
2.6
5
100
600
1.0
50
1
-3.5
0
BZX84C2V7
Z12/KZC
2.5
2.7
2.9
5
100
600
1.0
20
1
-3.5
0
BZX84C3V0
Z13/KZD
2.8
3.0
3.2
5
95
600
1.0
10
1
-3.5
0
BZX84C3V3
Z14/KZE
3.1
3.3
3.5
5
95
600
1.0
5
1
-3.5
0
BZX84C3V6
Z15/KZF
3.4
3.6
3.8
5
90
600
1.0
5
1
-3.5
0
BZX84C3V9
Z16/KZG
3.7
3.9
4.1
5
90
600
1.0
3
1
-3.5
0
BZX84C4V3
Z17/KZH
4.0
4.3
4.6
5
90
600
1.0
3
1
-3.5
0
BZX84C4V7
Z1/KZ1
4.4
4.7
5.0
5
80
500
1.0
3
2
-3.5
0.2
BZX84C5V1
Z2/KZ2
4.8
5.1
5.4
5
60
480
1.0
2
2
-2.7
1.2
BZX84C5V6
Z3/KZ3
5.2
5.6
6.0
5
40
400
1.0
1
2
-2.0
2.5
BZX84C6V2
Z4/KZ4
5.8
6.2
6.6
5
10
150
1.0
3
4
0.4
3.7
BZX84C6V8
Z5/KZ5
6.4
6.8
7.2
5
15
80
1.0
2
4
1.2
4.5
BZX84C7V5
Z6/KZ6
7.0
7.5
7.9
5
15
80
1.0
1
5
2.5
5.3
BZX84C8V2
Z7/KZ7
7.7
8.2
8.7
5
15
80
1.0
0.7
5
3.2
6.2
BZX84C9V1
Z8/KZ8
8.5
9.1
9.6
5
15
100
1.0
0.5
6
3.8
7.0
BZX84C10
Z9/KZ9
9.4
10.0
10.6
5
20
150
1.0
0.2
7
4.5
8.0
BZX84C11
Y1/KY1
10.4
11.0
11.6
5
20
150
1.0
0.1
8
5.4
9.0
BZX84C12
Y2/KY2
11.4
12.0
12.7
5
25
150
1.0
0.1
8
6.0
10.0
BZX84C13
Y3/KY3
12.4
13.0
14.1
5
30
170
1.0
0.1
8
7.0
11.0
BZX84C15
Y4/KY4
13.8
15.0
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
BZX84C16
Y5/KY5
15.3
16.0
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18
Y6/KY6
16.8
18.0
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
BZX84C20
Y7/KY7
18.8
20.0
21.2
5
55
225
1.0
0.1
14
14.4
18.0
BZX84C22
Y8/KY8
20.8
22.0
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
BZX84C24
Y9/KY9
22.8
24.0
25.6
5
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27
Y10/KYA
25.1
27.0
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
BZX84C30
Y11/KYB
28.0
30.0
32.0
2
80
300
0.5
0.1
21
24.4
29.4
BZX84C33
Y12/KYC
31.0
33.0
35.0
2
80
325
0.5
0.1
23.1
27.4
33.4
BZX84C36
Y13/KYD
34.0
36.0
38.0
2
90
350
0.5
0.1
25.2
30.4
37.4
BZX84C39
Y14/KYE
37.0
39.0
41.0
2
130
350
0.5
0.1
27.3
33.4
41.2
Notes:
1.
Test with pulses. Period = 5 ms, pulse width =300 μs
2.
f = 1 K Hz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com