Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD84C16 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # BZD84C16
Description  Dual Zener Voltage Regulator Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

BZD84C16 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  BZD84C16 Datasheet HTML 1Page - SEC Electronics Inc. BZD84C16 Datasheet HTML 2Page - SEC Electronics Inc. BZD84C16 Datasheet HTML 3Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
BZD84Cxxx Series
300 mW SOT-23 Series
Dual Zener Voltage Regulator Diodes
01-June-2007 Rev. C
Page 2 of 3
ELECTRICAL RATINGS (Rating 25°C ambient temperature unless otherwise specified)
VZ (note1)
@ IZT = 5.0 mA
ZZT (note2)
@ IZT = 5.0 mA
ZZK (note2)
@ IZK = 1.0 mA
Temperature Coefficient
VR (max) (note1)
@ IR = 0.1μA
Type
Number
Marking
V (Min)
V (Max)
Ω (Max)
Ω
TC (Typ)(%/°C)
V
BZD84C2V7
KD1
2.5
2.9
83.0
500
-0.065
-
BZD84C3V0
KD2
2.8
3.2
95.0
500
-0.060
-
BZD84C3V3
KD3
3.1
3.5
95.0
500
-0.055
-
BZD84C3V6
KD4
3.4
3.8
95.0
500
-0.055
-
BZD84C3V9
KD5
3.7
4.1
95.0
500
-0.050
-
BZD84C4V3
KD6
4.0
4.6
95.0
500
-0.035
-
BZD84C4V7
KD7
4.4
5.0
78.0
500
-0.015
-
BZD84C5V1
KD8
4.8
5.4
60.0
480
+0.005
0.8
BZD84C5V6
KD9
5.2
6.0
40.0
400
+0.020
1.0
BZD84C6V2
KDA
5.8
6.6
10.0
200
+0.030
2.0
BZD84C6V8
KDB
6.4
7.2
8.0
150
+0.045
3.0
BZD84C7V5
KDC
7.0
7.9
7.0
50
+0.050
5.0
BZD84C8V2
KDD
7.7
8.7
7.0
50
+0.055
6.0
BZD84C9V1
KDE
8.5
9.6
10.0
50
+0.065
7.0
BZD84C10
KDF
9.4
10.6
15.0
70
+0.065
7.5
BZD84C11
KDG
10.4
11.6
20.0
70
+0.070
8.5
BZD84C12
KDH
11.4
12.7
20.0
90
+0.075
9.0
BZD84C13
KDI
12.4
14.1
25.0
110
+0.080
10.0
BZD84C15
KDJ
13.8
15.6
30.0
110
+0.080
11.0
BZD84C16
KDK
15.3
17.1
40.0
170
+0.090
12.0
BZD84C18
KDL
16.8
19.1
50.0
170
+0.090
14.0
BZD84C20
KDM
18.8
21.2
50.0
220
+0.090
15.0
BZD84C22
KDN
20.8
23.3
55.0
220
+0.090
17.0
BZD84C24
KDO
22.8
25.6
80.0
220
+0.090
18.0
BZD84C27
KDP
25.1
28.9
80.0
250
+0.090
20.0
BZD84C30
KDQ
28.0
32.0
80.0
250
+0.090
22.5
BZD84C33
KDR
31.0
35.0
80.0
250
+0.090
25.0
BZD84C36
KDS
34.0
38.0
90.0
250
+0.090
27.0
BZD84C39
KDT
37.0
41.0
90.0
300
+0.110
29.0
Notes:
1. Short duration test pulse used to minimize self-heating effect.
2. f = 1 KHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com