Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1055 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HMC1055
Description  3-AXIS COMPASS SENSOR SET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMC1055 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HMC1055 Datasheet HTML 3Page - List of Unclassifed Manufacturers HMC1055 Datasheet HTML 4Page - List of Unclassifed Manufacturers HMC1055 Datasheet HTML 5Page - List of Unclassifed Manufacturers HMC1055 Datasheet HTML 6Page - List of Unclassifed Manufacturers HMC1055 Datasheet HTML 7Page - List of Unclassifed Manufacturers HMC1055 Datasheet HTML 8Page - List of Unclassifed Manufacturers HMC1055 Datasheet HTML 9Page - List of Unclassifed Manufacturers HMC1055 Datasheet HTML 10Page - List of Unclassifed Manufacturers HMC1055 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HMC1055
Advance Information
SENSOR PRODUCTS
MXS3334UL
Application Notes
The HMC1055 Chipset is composed of three sensors packaged as integrated circuits for tilt compensated electronic
compass development. These three sensors are composed of a Honeywell HMC1052 two-axis magnetic field sensor,
a Honeywell HMC1051Z one-axis magnetic sensor, and the Memsic MXS3334UL two-axis accelerometer.
Traditionally, compassing is done with a two-axis magnetic sensor held level (perpendicular to the gravitational axis)
to sense the horizontal vector components of the earth’s magnetic field from the south pole to the north pole. By
incorporating a third axis magnetic sensor and the two-axis accelerometer to measure pitch and roll (tilt), the compass
is able to be electronically “gimbaled” and can point to the north pole regardless of level.
The HMC1052 two-axis magnetic sensor contains two Anisotropic Magneto-Resistive (AMR) sensor elements in a
single MSOP-10 package. Each element is a full wheatstone bridge sensor that varies the resistance of the bridge
magneto-resistors in proportion to the vector magnetic field component on its sensitive axis. The two bridges on the
HMC1052 are orientated orthogonal to each other so that a two-dimensional representation of an magnetic field can
be measured. The bridges have a common positive bridge power supply connection (Vb); and with all the bridge
ground connections tied together, form the complete two-axis magnetic sensor. Each bridge has about an 1100-ohm
load resistance, so each bridge will draw several milli-amperes of current from typical digital power supplies. The
bridge output pins will present a differential output voltage in proportion to the exposed magnetic field strength and the
amount of voltage supply across the bridge. Because the total earth’s magnetic field strength is very small (~0.6
gauss), each bridge’s vector component of the earth’s field will even be smaller and yield only a couple milli-volts with
nominal bridge supply values. An instrumentation amplifier circuit; to interface with the differential bridge outputs, and
to amplify the sensor signal by hundreds of times, will then follow each bridge voltage output.
The HMC1051Z is an additional magnetic sensor in an 8-pin SIP package to place the sensor silicon die in a vertical
orientation relative to a Printed Circuit Board (PCB) position. By having the HMC1052 placed flat (horizontal) on the
PCB and the HMC1051Z vertical, all three vector components of the earth’s magnetic field (X, Y, and Z) are sensed.
By having the Z-axis component of the field, the electronic compass can be oriented arbitrarily; and with a tilt sensor,
perform tilt-compensated compass heading measurements as if the PCB where perfectly level.
Solid State Electronics Center
• www.magneticsensors.com • (800) 323-8295 • Page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com