Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5580IP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL5580IP
Description  DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5580IP Datasheet(HTML) 4 Page - Texas Instruments

  TL5580IP Datasheet HTML 1Page - Texas Instruments TL5580IP Datasheet HTML 2Page - Texas Instruments TL5580IP Datasheet HTML 3Page - Texas Instruments TL5580IP Datasheet HTML 4Page - Texas Instruments TL5580IP Datasheet HTML 5Page - Texas Instruments TL5580IP Datasheet HTML 6Page - Texas Instruments TL5580IP Datasheet HTML 7Page - Texas Instruments TL5580IP Datasheet HTML 8Page - Texas Instruments TL5580IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
Electrical Characteristics
Operating Characteristics
TL5580, TL5580A
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
SLOS477A – JUNE 2005 – REVISED JULY 2005
V
CC
± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
0.3
1
TL5580A
–40
°C to 85°C
1.35
VIO
Input offset voltage
RS ≤ 10 kΩ
mV
25
°C
0.3
1.5
TL5580
–40
°C to 85°C
2
Average temperature coefficient of input
αV
IO
–40
°C to 85°C
1.8
5
µV/°C
offset voltage
25
°C
5
75
IIO
Input offset current
nA
–40
°C to 85°C
100
25
°C
100
500
IIB
Input bias current
nA
–40
°C to 85°C
800
25
°C
90
110
Large-signal differential-voltage
AVD
RL ≥ 2 kΩ, VO = ±10 V
dB
amplification
–40
°C to 85°C
87
12.75
25
°C
±13.5
– 12.25
VOM
Output voltage swing
RL ≥ 2 kΩ
V
12.5
–40
°C to 85°C
–12
25
°C
±13
±13.5
VICR
Common-mode input voltage range
V
–40
°C to 85°C
±12
25
°C
90
110
RS ≤ 10 kΩ,
CMRR
Common-mode rejection ratio
dB
VICR = –12 V to 12 V
–40
°C to 85°C
85
25
°C
85
110
kSVR(1)
Supply-voltage rejection ratio
RS ≤ 10 kΩ
dB
–40
°C to 85°C
83
25
°C
6
9
ICC
Supply current (all amplifiers)
mA
–40
°C to 85°C
12
(1)
Measured with VCC± varied simultaneously
V
CC
± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL ≥ 2 kΩ
5
V/
µs
GBW
Gain bandwidth product
f = 10 kHz
12
MHz
THD
Total harmonic distortion
VO = 5 V, RL = 2 kΩ, f = 1 kHz, AVD = 20 dB
0.0005
%
Vn
Equivalent input noise voltage
f = 1 kHz
7
nV/
√Hz
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com