Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD20N06 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD20N06
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD20N06 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD20N06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD20N06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD20N06 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD20N06 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSD20 06
20A , 60V , RDS(O ) 40m
-Ch Enhancement Mode Power MOSFET
19-Jul-2017 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
D
N
O
P
G E
F
H
K
J
M
B
TO-252(D-Pack)
20N06
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SSD20N06 is the highest performance trench
N-ch MOSFETs with extreme high cell density , which provide
excellent RDS(on) and gate charge for most of the synchronous
buck converter applications.
The SSD20N06 meet the RoHS and Green Product
requirement with full function reliability approved.
FEATURES
Advanced high cell density Trench technology
Super Low Gate Charge
Green Device Available
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
TC=25°C
20
A
TC=100°C
13
A
TA=25°C
5
A
Continuous Drain Current @VGS=10V
1
TA=70°C
ID
4
A
Pulsed Drain Current
3
IDM
40
A
TC=25°C
31.3
Total Power Dissipation
TA=25°C
PD
2
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Thermal Resistance Junction-Ambient
1
62.5
Maximum Thermal Resistance Junction-Ambient
2
RθJA
110
Maximum Thermal Resistance Junction-Case
1
RθJC
4
°C / W
1
Gate
3
Source
2
Drain
Date Code
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.9
J
2.3 REF.
B
4.95
5.53
K
0.89 REF.
C
2.1
2.5
M
0.45
1.14
D
0.41
0.9
N
1.55 Typ.
E
6
7.5
O
0
0.13
F
2.90 REF
P
0.58 REF.
G
5.4
6.4
H
0.6
1.2


Similar Part No. - SSD20N06

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20N06-90D SECOS-SSD20N06-90D Datasheet
401Kb / 4P
N-Ch Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSD20N06-90D DOINGTER-SSD20N06-90D Datasheet
674Kb / 5P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SSD20N06-90D VBSEMI-SSD20N06-90D Datasheet
899Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSD20N06 SECOS-SSD20N06_15 Datasheet
401Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD20N06

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com