Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX784C13 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BZX784C13
Description  Surface Mount Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZX784C13 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BZX784C13 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZX784C13 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZX784C13 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BZX784C Series
150mW, SOD-723
Surface Mount Zener Diodes
28-Mar-2018 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
2
2
2
2
Anode
1
1
1
1
Cathode
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Planar Die Construction
150mW Power Dissipation
Zener Voltages from 2.4~39V
Ideally Suited for Automated Assembly Processes
Surface Device Type Mounting
High Reliability
Rectifying Small Power
Ultra Small Mold Type
Silicon Epitaxial Planer
Low Reverse Current and Low Forward Voltage
Flat Lead SOD-723 Small Outline Plastic Package




MECHANICAL DATA
Case: SOD-723,Molded Plastic
Mounting Position: Any
Polarity: As Marked
APPLICATIONS
Cellular Phones/Audio
Portable Devices
Digital Cameras
MP3 Players
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-723
8K
7 inch
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Forward Voltage
VF
0.9
V
Power Dissipation
1
PD
150
mW
Thermal Resistance from Junction-Ambient
RθJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Note:
1. Valid provided that device terminals are kept at ambient temperature.
Part Number
Type
BZX784C Series
Lead (Pb)-free
BZX784C Series-C
Lead (Pb)-free and Halogen-free
SOD-723
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.300
1.500
D
0.800
1.100
B
0.550
0.650
E
0.250
0.350
C
0.515
0.650
F
0.080
0.150
E
F
B
C
D
A


Similar Part No. - BZX784C13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX784C13 PANJIT-BZX784C13 Datasheet
111Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX784C13 PANJIT-BZX784C13 Datasheet
94Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
logo
Jiangsu Changjiang Elec...
BZX784C13 JIANGSU-BZX784C13 Datasheet
1Mb / 5P
ZENER DIODE
More results

Similar Description - BZX784C13

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com