Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC00M... Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74VHC00M...
Description  Quad 2-Input NAND Gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHC00M... Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74VHC00M... Datasheet HTML 2Page - ON Semiconductor 74VHC00M... Datasheet HTML 3Page - ON Semiconductor 74VHC00M... Datasheet HTML 4Page - ON Semiconductor 74VHC00M... Datasheet HTML 5Page - ON Semiconductor 74VHC00M... Datasheet HTML 6Page - ON Semiconductor 74VHC00M... Datasheet HTML 7Page - ON Semiconductor 74VHC00M... Datasheet HTML 8Page - ON Semiconductor 74VHC00M... Datasheet HTML 9Page - ON Semiconductor 74VHC00M... Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC00 Rev. 1.3.0
5
AC Electrical Characteristics
Note:
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (opr.) = CPD • VCC • fIN + ICC / 4 (per gate).
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay
3.3 ± 0.3
CL = 15pF
5.5
7.9
1.0
9.5
ns
CL = 50pF
8.0
11.4
1.0
13.0
5.0 ± 0.5
CL = 15pF
3.7
5.5
1.0
6.5
ns
CL = 50pF
5.2
7.5
1.0
8.5
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(3)
19
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com