Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWN5 Datasheet(PDF) 13 Page - IXYS Corporation

Part # DWN5
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWN5 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button DWN5 Datasheet HTML 9Page - IXYS Corporation DWN5 Datasheet HTML 10Page - IXYS Corporation DWN5 Datasheet HTML 11Page - IXYS Corporation DWN5 Datasheet HTML 12Page - IXYS Corporation DWN5 Datasheet HTML 13Page - IXYS Corporation DWN5 Datasheet HTML 14Page - IXYS Corporation DWN5 Datasheet HTML 15Page - IXYS Corporation DWN5 Datasheet HTML 16Page - IXYS Corporation DWN5 Datasheet HTML 17Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
25
© 2004 IXYS All rights reserved
SONIC-FRDTM Diodes
Type
Si-
thickn.
mm
DWHP 8-06 F
•
tbd
3.60
1.80
0.180
DWHP 15-06 F
•
968
3.25
3.25
DWHP 23-06 F
•
532
5.50
3.50
DWHP 56-06 F
•
231
8.65
4.95
DWHP 69-06 F
•
152
8.91
7.22
DWHP 150-06 F
•
88
11.40
9.40
DWHFP 15-12 F
•
968
3.25
3.25
DWHFP 23-12 F
•
532
5.50
3.50
DWHFP 56-12 F
•
231
8.65
4.95
DWHFP 56-12 S
•
231
8.65
4.95
DWHFP 69-12 F
•
152
8.91
7.22
DWHFP 69-12 S
•
152
8.91
7.22
DWHFP 150-12 S
•
88
11.40
9.40
DLFP 55-17 S
•
231
8.65
4.95
0.265
DLFP 68-17 S
•
152
8.91
7.22
DLFP 150-17 S
•
88
11.40
9.40
DLFP 200-17 S
•
59
12.40
12.40
DLFP 15-16/18 F
•
968
3.25
3.25
DLFP 25-16/18 F
•
532
4.45
4.45
DLFP 55-16/18 F
•
231
8.65
4.95
DLFP 68-16/18 F
•
152
8.91
7.22
Tolerance
-0.1
-0.1
±5%
Chips
Wafer
mm
Dimensions
B
mm
per
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com