Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V2T86 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2T86
Description  DUAL 2-INPUT EXCLUSIVE OR GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T86 Datasheet(HTML) 1 Page - STMicroelectronics

  74V2T86 Datasheet HTML 1Page - STMicroelectronics 74V2T86 Datasheet HTML 2Page - STMicroelectronics 74V2T86 Datasheet HTML 3Page - STMicroelectronics 74V2T86 Datasheet HTML 4Page - STMicroelectronics 74V2T86 Datasheet HTML 5Page - STMicroelectronics 74V2T86 Datasheet HTML 6Page - STMicroelectronics 74V2T86 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
June 2003
s
HIGH SPEED: tPD = 4.8ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA =25°C
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL =0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =8mA (MIN) at VCC =4.5V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V2T86 is an advanced high-speed CMOS
DUAL 2-INPUT EXCLUSIVE OR GATE fabricated
with sub-micron silicon gate and double-layer
metal wiring C2MOS technology.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
74V2T86
DUAL 2-INPUT EXCLUSIVE OR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-8L
74V2T86STR
SOT23-8L


Similar Part No. - 74V2T86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T00 STMICROELECTRONICS-74V2T00 Datasheet
125Kb / 7P
DUAL 2-INPUT NAND GATE
2003-Jun
74V2T00STR STMICROELECTRONICS-74V2T00STR Datasheet
125Kb / 7P
DUAL 2-INPUT NAND GATE
2003-Jun
74V2T02 STMICROELECTRONICS-74V2T02 Datasheet
128Kb / 7P
DUAL 2-INPUT NOR GATE
Jun-2003
74V2T02STR STMICROELECTRONICS-74V2T02STR Datasheet
128Kb / 7P
DUAL 2-INPUT NOR GATE
Jun-2003
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
DUAL 2-INPUT OPEN DRAIN NAND GATE
Jun-2003
More results

Similar Description - 74V2T86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
Dual 2-input exclusive-OR gate
2003 Jul 28
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
DUAL 2-INPUT EXCLUSIVE OR GATE
Jun-2003
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
Dual 2-Input Exclusive-OR Gate
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com